Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6146A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6146A
Description  Low Voltage ORing FET Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6146A Datasheet HTML 3Page - Intersil Corporation ISL6146A Datasheet HTML 4Page - Intersil Corporation ISL6146A Datasheet HTML 5Page - Intersil Corporation ISL6146A Datasheet HTML 6Page - Intersil Corporation ISL6146A Datasheet HTML 7Page - Intersil Corporation ISL6146A Datasheet HTML 8Page - Intersil Corporation ISL6146A Datasheet HTML 9Page - Intersil Corporation ISL6146A Datasheet HTML 10Page - Intersil Corporation ISL6146A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL6146
7
FN7667.0
December 16, 2011
tEN2GTEF
EN/UVLO Falling to GATE Falling Delay
2
4
µs
EN/OVP Rising to GATE Falling Delay
2
4
µs
Ren_h
ENABLE Pull-Down Resistor
ISL6146A
2
MΩ
Ren_l
ENABLE Pull-Up Resistor
ISL6146B
2
MΩ
Vadj
ADJ Pin Voltage
RADJ 5kΩ to 100kΩ
0.4
V
Radj
ADJ Pull-Up Resistor
Internal ADJ Pull-up Resistor to VOUT
3.85
MΩ
OTS
Over-Temperature Sense
Fault signals in operation
140
°C
OTSHYS
Over-Temperature Sense Hysteresis
20
°C
HTS
High Temperature Sense
Fault signals upon enabling
125
°C
NOTE:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VCC = BIAS = 12V, unless otherwise stated. TA = +25°C to +85°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETERS
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS


Similar Part No. - ISL6146A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146A INTERSIL-ISL6146A Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146A RENESAS-ISL6146A Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AEVAL1Z INTERSIL-ISL6146AEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
ISL6146AEVAL1Z INTERSIL-ISL6146AEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
ISL6146AFRZ INTERSIL-ISL6146AFRZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results

Similar Description - ISL6146A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com