Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBY24-S1 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BBY24-S1
Description  Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY24-S1 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BBY24-S1 Datasheet HTML 1Page - Siemens Semiconductor Group BBY24-S1 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BBY 24
… BBY 27
BBY 24
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
nA
Reverse current
VR = 100 V
IR
––10
pF
Diode capacitance
VR = 0, f = 1 MHz
BBY 24
BBY 25
BBY 26
BBY 27
CT
12
16
20
36
16
20
24
40
Capacitance ratio
VR1 = 0, VR2 = 120 V
BBY 24
BBY 25
BBY 26
BBY 27
CT0
CT120
8.5
9.0
9.5
9.5
Figure of merit
VR = 4 V, f = 50 MHz
Q
200
Slope of characteristics
VR1 = 0, VR2 = 120 V
n
2
2.15


Similar Part No. - BBY24-S1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BBY31 PHILIPS-BBY31 Datasheet
24Kb / 4P
   UHF variable capacitance diode
1996 May 03
logo
Zetex Semiconductors
BBY31 ZETEX-BBY31 Datasheet
35Kb / 1P
   SILICON PLANAR VARIABLE CAPACITANCE DIODE
logo
Siemens Semiconductor G...
BBY33BB-2 SIEMENS-BBY33BB-2 Datasheet
18Kb / 2P
   Silicon Tuning Varactor (Tuning varactor in passivated Mesa technology epitaxial design)
BBY33DA-2 SIEMENS-BBY33DA-2 Datasheet
20Kb / 2P
   Silicon Tuning Varactor (Abrupt junction tuning diode Tuning range 25 V High figure of merit)
BBY34C SIEMENS-BBY34C Datasheet
21Kb / 2P
   Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ??12 V)
More results

Similar Description - BBY24-S1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
   Plastic Packaged Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY34C SIEMENS-BBY34C Datasheet
21Kb / 2P
   Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ??12 V)
BBY33DA-2 SIEMENS-BBY33DA-2 Datasheet
20Kb / 2P
   Silicon Tuning Varactor (Abrupt junction tuning diode Tuning range 25 V High figure of merit)
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
logo
Advanced Semiconductor
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com