Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6146C Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6146C
Description  Low Voltage ORing FET Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146C Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6146C Datasheet HTML 4Page - Intersil Corporation ISL6146C Datasheet HTML 5Page - Intersil Corporation ISL6146C Datasheet HTML 6Page - Intersil Corporation ISL6146C Datasheet HTML 7Page - Intersil Corporation ISL6146C Datasheet HTML 8Page - Intersil Corporation ISL6146C Datasheet HTML 9Page - Intersil Corporation ISL6146C Datasheet HTML 10Page - Intersil Corporation ISL6146C Datasheet HTML 11Page - Intersil Corporation ISL6146C Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL6146
8
FN7667.0
December 16, 2011
Typical Performance Curves
FIGURE 3. ISL6146A/B BIAS AND ISL6146C VIN CURRENT vs
TEMPERATURE
FIGURE 4. ISL6146A/B/C VIN AND VOUT CURRENT vs
TEMPERATURE
FIGURE 5. GATE VOLTAGE vs TEMPERATURE
FIGURE 6. POR Vth RISING AND FALLING VOLTAGE
FIGURE 7. ISL6146A EN Vth vs TEMPERATURE
FIGURE 8. ISL6146B EN Vth vs TEMPERATURE
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
25
85
125
TEMPERATURE (°C)
18V DISABLED
12V DISABLED
3V DISABLED
18V ENABLED
12V ENABLED
3V ENABLED
TEMPERATURE (°C)
40
35
30
25
20
15
10
-40
25
85
125
18V DISABLED
12V DISABLED
3V DISABLED
VOUT CURRENT
VIN CURRENT
3V ENABLED
18V ENABLED
12V ENABLED
0
5
10
15
20
25
30
35
-40
25
85
125
TEMPERATURE (°C)
BIAS = 3V
BIAS = 12V
BIAS = 18V
TEMPERATURE (°C)
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40
25
85
125
POR Vth FALLING
POR Vth RISING
0.40
0.45
0.50
0.55
0.60
0.65
0.70
-40
25
85
125
TEMPERATURE (°C)
EN ASSERT RISING Vth
EN DEASSERT FALLING Vth
TEMPERATURE (°C)
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
0.70
0.72
0.74
-40
25
85
125
EN DEASSERT RISING Vth
EN ASSERT FALLING Vth


Similar Part No. - ISL6146C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146C INTERSIL-ISL6146C Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146C RENESAS-ISL6146C Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146CEVAL1Z INTERSIL-ISL6146CEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
ISL6146CEVAL1Z INTERSIL-ISL6146CEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
ISL6146CFRZ INTERSIL-ISL6146CFRZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results

Similar Description - ISL6146C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com