Electronic Components Datasheet Search |
|
SIP21106DR-475-E3 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
SIP21106DR-475-E3 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 19 page Document Number: 74442 S09-1047-Rev. G, 08-Jun-09 www.vishay.com 3 Vishay Siliconix SiP21106, SiP21107, SiP21108 SPECIFICATIONS Parameter Symbol Test Conditions Unless Specified VIN = VOUT(nom) + 1.0 V = VEN IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF - 40 °C < TA < 85 °C for full Temp.a Unit Min.b Typ.c Max.b Input Voltage Range VIN Full 2.2 6 V Output Voltage Accuracy VOUT IOUT = 1 mA Room - 1.0 1.0 % Full - 2.5 2.5 SiP21106/7 (1.2 V) IOUT = 1 mA Room - 1.5 1.5 Full - 4 4 Feedback Voltage (SiP21108 Version only) VAdj Room 1.188 1.2 1.212 V Full 1.170 1.230 Line Regulation LNR Full - 0.2 0.006 0.2 %/V Load Regulation LDR VOUT ≥ 2.6 V, IOUT: 1 mA to 150 mA Room 0.003 0.006 %/mA VOUT < 2.6 V, IOUT: 1 mA to 150 mA Room 0.005 0.009 Ground Pin Currente IGND IOUT = 1 mA Room 35 75 µA Full 85 IOUT = 150 mA Room 39 75 Full 85 Shutdown Supply Current ICC(off) VEN = 0 V Full 0.02 1 µA Output Noise Voltagef (RMS) eN SiP21106 VOUT(nom) = 2.8 V, BW = 10 Hz to 100 kHz, 1 mA < IOUT < 150 mA, CBP = 0.01 µF Room 60 µV SiP21107/8 VOUT(nom) = 2.8 V, BW = 10 Hz to 100 kHz, 1 mA < IOUT < 150 mA Room 350 Output Voltage Turn-On Time ton EN to VOUT delay; IOUT = 1 mA 70 µs Ripple Rejection PSRR SiP21106, CBP = 0.01 µF IOUT = 10 mA f = 1 kHz Room 75 dB f = 10 kHz Room 56 f = 100 kHz Room 40 SiP21107/8 SiP21106, CBP = 0 µF IOUT = 10 mA f = 1 kHz Room 72 f = 10 kHz Room 53 f = 100 kHz Room 38 Output Current Limit IO_LIM VOUT = 0 V Room 170 330 600 mA Auto Discharge Resistance RDIS EN = 0 V, VOUT = 1 V Room 100 Ω For VOUT < 2.2 V, EN = 0 V, VOUT = 1 V Room 120 Dropout Voltaged (2.2 V ≤ V OUT(nom) < 2.6 V) VDO IOUT = 50 mA Room 45 mV Full 55 IOUT = 100 mA Room 90 Full 106 IOUT = 150 mA Room 135 250 Full 160 300 Dropout Voltage (VOUT(nom) ≥ 2.6 V) VDO IOUT = 50 mA Room 45 Full 55 IOUT = 100 mA Room 90 Full 106 IOUT = 150 mA Room 135 180 Full 160 220 EN Pin Input Voltage VENH High = Regulator On (Rising) Full 1.2 V VENL Low = Regulator Off (Falling) Full 0.4 EN Pin Input Current IEN Room 0.009 µA |
Similar Part No. - SIP21106DR-475-E3 |
|
Similar Description - SIP21106DR-475-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |