Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8502AIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8502AIRZ
Description  2A Synchronous Buck Regulator with Integrated MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8502AIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8502AIRZ Datasheet HTML 3Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 4Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 5Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 6Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 7Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 8Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 9Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 10Page - Intersil Corporation ISL8502AIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL8502A
7
FN7940.0
October 21, 2011
System Accuracy
-1.0
+1.0
%
FB Pin Bias Current
±80
±200
nA
SOFT-START
Soft-Start Current
ISS
20
30
40
µA
Enable Soft-Start Threshold
0.8
1.0
1.2
V
Enable Soft-Start Threshold Hysteresis
12
mV
Enable Soft-Start Voltage High
2.8
3.2
3.8
V
ERROR AMPLIFIER
DC Gain
88
dB
Gain-Bandwidth Product
GBWP
15
MHz
Maximum Output Voltage
3.9
4.4
V
Slew Rate
SR
5
V/µs
INTERNAL MOSFETS
Upper MOSFET rDS(ON)
rDS_UPPER
VCC = 5V
180
m
Ω
Lower MOSFET rDS(ON)
rDS_LOWER
VCC = 5V
90
m
Ω
PGOOD
PGOOD Threshold
VFB/VREF
Rising Edge Hysteresis 1%
107
111
115
%
Falling Edge Hysteresis 1%
86
90
93
%
PGOOD Rising Delay (Note 11)
tPGOOD_DELAY
fOSC = 500kHz
1
ms
PGOOD Leakage Current
VPGOOD = 5.5V
5
µA
PGOOD Low Voltage
VPGOOD
0.10
V
PGOOD Sinking Current
IPGOOD
0.5
mA
PROTECTION
Positive Current Limit
IPOC_peak
IOC from VIN to PHASE (Notes 9, 10)
(TA = 0°C to +85°C)
2.1
3.5
4.5
A
IOC from VIN to PHASE (Notes 9, 10)
(TA = -40°C to +0°C)
2.0
3.4
4.0
A
Negative Current Limit
INOC_peak
IOC from PHASE to PGND (Notes 9, 10)
(TA = 0°C to +85°C)
2.2
3.0
3.5
A
IOC from PHASE to PGND (Notes 9, 10)
(TA = -40°C to +85°C)
1.9
2.8
3.7
A
Undervoltage Level
VFB/VREF
76
80
84
%
Thermal Shutdown Setpoint
TSD
150
°C
Thermal Recovery Setpoint
TSR
130
°C
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Minimum VIN can operate below 5.5V as long as VCC is greater than 4.5V.
8. Maximum VIN can be higher than 14V voltage stress across the upper and lower do not exceed 15.5V in all conditions.
9. Circuit requires 150ns minimum on time to detect overcurrent condition.
10. Limits established by characterization and are not production tested.
11. PGOOD Rising Delay is measured from the point where VOUT reaches regulation to the point where PGOOD rises. It does not include the external
soft-start time. The PGOOD Rising Delay specification is measured at 500kHz.
Electrical Specifications Refer to “Block Diagram”and “Typical Application Schematics”. Operating conditions unless otherwise noted:
VIN = 12V, or VCC = 5V ±10%, TA = -40°C to +85°C. Typical are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS


Similar Part No. - ISL8502AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8502AIRZ RENESAS-ISL8502AIRZ Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL8502AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
   10A Synchronous Buck Regulator with Integrated Power MOSFETs
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com