Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9111EH30Z-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9111EH30Z-T7A
Description  Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9111EH30Z-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9111EH30Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL9111EH30Z-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL9111, ISL9111A
6
FN7602.3
December 7, 2011
Absolute Maximum Ratings
Thermal Information
VIN, EN, FAULT, VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
FB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
SW Voltage
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Pulse < 10ns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 8.0V
ESD Ratings
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 250V
*Other ESD Spec should meet Level 1 requirement
Latch Up (Tested per JESD78; Class 2, Level A) . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
6 Ld SOT-23 (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
146
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-20°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VOUT - 200mV
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Maximum DC Current from Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VIN = 1.2V, VOUT = 3.3V, TA = +25°C (see “Typical Application Circuits” on page 7). Boldface limits apply
over the operating temperature range, -20°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
Minimum Start-up Voltage (ISL9111)
VMIN
VEN = VIN, RLOAD = 50Ω
0.80
0.90
V
Minimum Operating Voltage
after Start-up (ISL9111)
VUVLO
VEN = VIN, RLOAD = 50Ω
0.68
0.70
0.76
V
Minimum Start-up Voltage (ISL9111A)
VMIN
VEN = VIN, No Load
0.75
V
Minimum Operating Voltage
after Start-up (ISL9111A)
VOPT
VEN = VIN, No Load
0.50
V
Output Voltage Range
(ISL9111-ADJ/ISL9111A-ADJ)
VOUT
VIN < VOUT
2.5
5.25
V
Output Voltage Accuracy
(ISL9111: 3.0/3.3/5.0V,
ISL9111A: 3.0/3.3/5.0V)
VOUT
VIN = 1.2V, ILOAD = 50mA
-100
+100
mV
Feedback Voltage
(ISL9111-ADJ/ISL9111A-ADJ)
VFB
VOUT = 5V
784
800
816
mV
Feedback Pin Input Current
100
nA
Quiescent Current from VOUT
IQ1
No Load (Note 7)
20
45
μA
Shutdown Current from VIN
ISD
VEN = 0V, VIN = 1.2V, VO = 0
0.5
2
μA
Leakage Current at SW Pin
VEN = 0V, VIN = 5V, VO = 0, TA = +25°C
1
μA
N-Channel MOSFET ON-Resistance
VOUT = 5V
0.2
P-Channel MOSFET ON-Resistance
VOUT = 5V
0.35
N-Channel MOSFET Peak Current Limit
IPK
0.8
1.0
1.2
A
Maximum Duty Cycle
DMAX
84
87.5
%
PWM Switching Frequency
FOSC
1.0
1.2
1.4
MHz
Soft-Start-Up Time
1ms
EN Logic High
0.8*VIN
V
EN Logic Low
0.2*VIN
V
FAULT Pin Leakage Current when High
VFLT = VOUT
100
nA
FAULT Pin Sink Current when Low
VFLT = 0.5V
10
mA


Similar Part No. - ISL9111EH30Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111EH30Z-T7A RENESAS-ISL9111EH30Z-T7A Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
More results

Similar Description - ISL9111EH30Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com