Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP21107DR-26-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP21107DR-26-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21107DR-26-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP21107DR-26-E3 Datasheet HTML 1Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 2Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 3Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.vishay.com
4
Document Number: 74442
S09-1047-Rev. G, 08-Jun-09
Vishay Siliconix
SiP21106, SiP21107, SiP21108
Notes:
a. Room = 25 °C, Full = - 40 to 85 °C. Derate 7.6 mW/°C for TSC75 and 5.5 mW/°C for SOT23 above TA = 70 °C.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Dropout voltage is defined as the input-to-output differential voltage at which the output voltage drops 2 % below its nominal
value with constant load. For outputs = 2.2 V, dropout voltage is not applicable due to 2.2 V minimum input voltage requirement.
e. Ground current is specified for normal operation as well as “drop-out” operation.
f. Output noise is proportional to output voltage. Use formula eN = 60 µV(rms)*VOUT/2.8 V.
g. POK threshold percentage is calculated by VIN/VOUT x 100 %. The POK is measured with a differential voltage across VIN and VOUT until POK
turn on (low threshold) or off (high threshold). For VOUT less than 2.2 V, POK is guaranteed functionality only.
TIMING WAVEFORMS
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = VOUT(nom) + 1.0 V
IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF
- 40 °C < TA < 85 °C for full
Temp.a
Unit
Min.b Typ.c Max.b
Thermal Shutdown Junction Temperature
TJ(S/D)
Room
160
°C
Thermal Hysteresis
THYST
Room
20
Error Flag Section (SiP21107 Version only)
POK(OFF) Leakage
IOFF
RPU to VOUT or VIN
Full
1
µA
POK(ON) Voltage
VPOKL
EN = 0 V, IPOK = 0.5 mA
Full
0.4
V
POK Thresholdg
VPOKLH
VOUT rising, POK goes high
VOUT(nom) ≥ 2.2 V, IOUT = 1 mA
Full
90
93
96
%
VOUT rising, POK goes high
VOUT(nom) < 2.2 V, IOUT = 1 mA
91
POK Hysteresis
VHYST
VIN falling, IOUT = 1 mA, POK goes low
Room
1.5
POK Voltage Delay Time
TP_Delay
VOUT to POK delay, IOUT = 1 mA
40
µs
Figure 1.
VEN
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr
1 µs


Similar Part No. - SIP21107DR-26-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21107DR-26-E3 VISHAY-SIP21107DR-26-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21107DR-26-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com