Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9111EHADJZ-T7A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9111EHADJZ-T7A
Description  Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9111EHADJZ-T7A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9111EHADJZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL9111EHADJZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Low Input Voltage, High Efficiency Synchronous Boost
Converter with 1A Switch
ISL9111, ISL9111A
The ISL9111 and ISL9111A provide a power supply solution
for single-cell, dual-cell, or three-cell alkaline, NiCd or NiMH
battery-powered applications. The device has a typical 0.8V
start-up voltage and is capable of supplying up to 5.25V output
voltage. Both devices are guaranteed to supply 100mA from a
single-cell input and 240mA from a dual-cell input when
output is 3.3V. High 1.2MHz switching frequency allows for the
use of tiny, low-profile inductors and ceramic capacitors to
minimize the size of the solution.
The ISL9111 and ISL9111A are internally compensated, fully
integrated synchronous boost converters optimized for
efficiency with minimal external components. At light load, the
device enters skip mode and consumes only 20µA of
quiescent current, resulting in higher efficiency at light loads
and maximum battery life.
The ISL9111 and ISL9111A address both rechargeable and
non-rechargeable battery applications. The ISL9111 has a
UVLO feature, which will internally shut off at 0.7V protecting a
rechargeable battery. The ISL9111A has this feature disabled
to maximize the usable life of a non-rechargeable single cell
battery. The parts are available in fixed 3.0V, 3.3V and 5.0V
output voltage versions or an adjustable output voltage version
(ADJ). The fixed output voltage version also provides a FAULT
pin for fault condition monitoring. The ISL9111 and ISL9111A
are available in a 6 Ld SOT-23 package.
Features
• Up to 97% Efficiency at Typical Operating Conditions
• Minimum Start-up Voltage
- 0.8V (ISL9111)
- 0.6V (ISL9111A)
• Minimum Operating Voltage
- 0.7V (ISL9111)
- 0.5V (ISL9111A)
•Low Quiescent Current: 20μA (Typical)
• At VOUT = 3.3V
- 100mA Output Current @ VIN = 0.9V
- 240mA Output from @ VIN = 1.8V
• Logic Control Shutdown (Iq < 1µA)
• Output Voltage Up to 5.25V
• Output Disconnect During Shutdown
• Skip Mode Under Light Load Condition
• Undervoltage Lockout (ISL9111 Only)
• Fault Protection: OVP (ADJ Version Only), OTP, Short Circuit
•6 Ld SOT-23 Package
Applications
• Products Including Portable HDMI and USB-OTG
• Personal Medical Products
• Wireless Mouse/Keyboard
•Bluetooth Headsets
• MP3/MP4 Players/DSC
• Single-cell, Dual-cell and Triple-cell Alkaline, NiCd, NiMH
Powered Products
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. FIXED 5V EFFICIENCY
SW
EN
GND
FAULT
VOUT
VIN
6
5
4
3
2
1
VIN
VOUT
VFLT
4.7µH
4.7µF
4.7µF
1k
ISL9111: 3.0/3.3/5.0V, ISL9111A: 3.0/3.3/5.0V
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
IOUT (mA)
VIN = 0.9V
VIN = 3.6V
VIN = 1.8V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
December 7, 2011
FN7602.3


Similar Part No. - ISL9111EHADJZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111EHADJZ-T7A RENESAS-ISL9111EHADJZ-T7A Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
More results

Similar Description - ISL9111EHADJZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com