Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001SRHEVAL1Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL70001SRHEVAL1Z
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SRHEVAL1Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL70001SRHEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 14Page - Intersil Corporation ISL70001SRHEVAL1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL70001SEH
11
FN7956.0
November 30, 2011
The soft-start capacitor is charged by an internal ISS current
source. As the soft-start capacitor is charged, the output voltage
slowly ramps to the set point determined by the reference
voltage and the feedback network. Once the voltage on the SS
pin is equal to the internal reference voltage, the soft-start
interval is complete. The controlled ramp of the output voltage
reduces the inrush current during start-up. The soft-start output
ramp interval is defined in Equation 6 and is adjustable from
approximately 2ms to 200ms. The value of the soft-start
capacitor, CSS, should range from 8.2nF to 8.2µF, inclusive. The
peak inrush current can be computed from Equation 7. The soft-
start interval should be long enough to ensure that the peak
inrush current plus the peak output load current does not exceed
the overcurrent trip level of the regulator.
The soft-start capacitor is immediately discharged by a 2.2
Ω
resistor whenever POR conditions are not met or EN is pulled low.
The soft-start discharge time is equal to 256 clock cycles.
Power-Good
The power-good (PGOOD) pin is an open-drain logic output that
indicates when the output voltage of the regulator is within
regulation limits. The power-good pin pulls low during shutdown
and remains low when the controller is enabled. After a
successful soft-start, the PGOOD pin releases, and the voltage
rises with an external pull-up resistor. The power-good signal
transitions low immediately when the EN pin is pulled low.
The power-good circuitry monitors the FB pin and compares it to
the rising and falling thresholds shown in the “Electrical
Specifications” table on page 8. If the feedback voltage exceeds
the typical rising limit of 111% of the reference voltage, the
PGOOD pin pulls low. The PGOOD pin continues to pull low until
the feedback voltage falls to a typical of 107.5% of the reference
voltage. If the feedback voltage drops below a typical of 89% of
the reference voltage, the PGOOD pin pulls low. The PGOOD pin
continues to pull low until the feedback voltage rises to a typical
92.5% of the reference voltage. The PGOOD pin then releases
and signals the return of the output voltage to within the
power-good window.
The PGOOD pin can be pulled up to any voltage from 0V to 5.5V,
independently from the supply voltage. The pull-up resistor
should have a nominal value from 1k
Ω to 10kΩ. The PGOOD pin
should be bypassed to DGND, with a 10nF ceramic capacitor to
mitigate SEE.
Fault Monitoring and Protection
The ISL70001SEH actively monitors output voltage and current
to detect fault conditions. Fault conditions trigger protective
measures to prevent damage to the regulator and external load
device.
Undervoltage Protection
A hysteretic comparator monitors the FB pin of the regulator. The
feedback voltage is compared to an undervoltage threshold that
is a fixed percentage of the reference voltage. Once the
comparator trips, indicating a valid undervoltage condition, a
3-bit undervoltage counter increments. The counter is reset if the
feedback voltage rises back above the undervoltage threshold,
plus a specified amount of hysteresis outlined in the “Electrical
Specifications” table on page 8. If the 3-bit counter overflows, the
undervoltage protection logic shuts down the regulator.
After the regulator shuts down, it enters a delay interval
equivalent to the soft-start interval, which allows the device to
cool. The undervoltage counter is reset when the device enters
the delay interval. The protection logic initiates a normal
soft-start once the delay interval ends. If the output successfully
soft-starts, the power-good signal goes high, and normal
operation continues. If undervoltage conditions continue to exist
during the soft-start interval, the undervoltage counter must
overflow before the regulator shuts down again. This hiccup
mode continues indefinitely until the output soft-starts
successfully.
Overcurrent Protection
A pilot device integrated into the PMOS transistor of Power Block 4
samples current each cycle. This current feedback is scaled and
compared to an overcurrent threshold based on the number of
power blocks connected. Each additional power block connected
beyond Power Block 4 increases the overcurrent limit by 2A. For
example, if three power blocks are connected, the typical current
limit threshold would be 3 x 2A = 6A.
If the sampled current exceeds the overcurrent threshold, a 3-bit
overcurrent counter increments by one LSB. If the sampled current
falls below the threshold before the counter overflows, the counter
is reset. Once the overcurrent counter reaches 111, the regulator
shuts down.
After the regulator shuts down, it enters a delay interval,
equivalent to the soft-start interval, which allows the device to
cool. The overcurrent counter is reset when the device enters the
delay interval. The protection logic initiates a normal soft-start
once the delay interval ends. If the output successfully
soft-starts, the power-good signal goes high, and normal
operation continues. If overcurrent conditions continue to exist
during the soft-start interval, the overcurrent counter must
overflow before the regulator shut downs the output again. This
hiccup mode continues indefinitely until the output soft-starts
successfully.
Note: To prevent severe negative ringing that can disturb the
overcurrent counter, it is recommended that a Schottky diode of
appropriate rating be added from the LXx pins to the PGNDx pins.
Feedback Loop Compensation
To reduce the number of external components and to simplify the
process of determining compensation components, the
ISL70001SEH PWM controller has an internally compensated
error amplifier.
Due to the current loop feedback in peak current mode control, the
modulator has a single pole response with -20dB slope at a
frequency determined by the load (Equation 8):
tSS
CSS
VREF
ISS
-------------
=
(EQ. 6)
IINRUSH
COUT
VOUT
tSS
-------------
=
(EQ. 7)
FPO
1
2
π RO COUT
⋅⋅
-------------------------------------
=
(EQ. 8)


Similar Part No. - ISL70001SRHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRHEVAL1Z INTERSIL-ISL70001SRHEVAL1Z Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
More results

Similar Description - ISL70001SRHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
   Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Anaren Microwave
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com