Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR808DP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIR808DP
Description  N-Channel 25 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR808DP Datasheet(HTML) 5 Page - Vishay Siliconix

  SIR808DP Datasheet HTML 1Page - Vishay Siliconix SIR808DP Datasheet HTML 2Page - Vishay Siliconix SIR808DP Datasheet HTML 3Page - Vishay Siliconix SIR808DP Datasheet HTML 4Page - Vishay Siliconix SIR808DP Datasheet HTML 5Page - Vishay Siliconix SIR808DP Datasheet HTML 6Page - Vishay Siliconix SIR808DP Datasheet HTML 7Page - Vishay Siliconix SIR808DP Datasheet HTML 8Page - Vishay Siliconix SIR808DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 67515
S11-0614-Rev. A, 04-Apr-11
www.vishay.com
5
Vishay Siliconix
SiR808DP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
50
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power Derating, Junction-to-Case
0
10
20
30
40
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)


Similar Part No. - SIR808DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR808DP TFUNK-SIR808DP Datasheet
312Kb / 13P
   N-Channel 25 V (D-S) MOSFET
More results

Similar Description - SIR808DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com