Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97649AIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97649AIRZ Datasheet HTML 3Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 9Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL97649A
7
FN7928.0
December 5, 2011
ISC
Output Short Circuit Current
Pull-up
150
225
mA
Pull-down
150
200
mA
SR
Slew Rate
25
V/µs
BW
Gain Bandwidth
-3dB gain point
20
MHz
DIGITAL CONTROLLED POTENTIOMETER
SETVR
(Note 12)
SET Voltage Resolution
8Bits
SETDNL
(Note 8, 9,
14)
SET Differential Nonlinearity
TA = +25°C
±1
LSB
SETZSE
(Note 10, 14)
SET Zero-Scale Error
TA = +25°C
±2
LSB
SETFSE
(Note 11,14)
SET Full-Scale Error
TA = +25°C
±8
LSB
IRSET
RSET Current
100
µA
AVDD to SET AVDD to SET Voltage Attenuation
1:20
V/V
FAULT DETECTION THRESHOLD
VUVLO
Undervoltage Lock out Threshold
PVIN rising
2.25
2.33
2.41
V
PVIN falling
2.125
2.20
2.27
V
OVPAVDD
(Note 13)
Boost Overvoltage Protection Off
Threshold to Shutdown IC
15.0
15.5
16.0
V
TOFF
Thermal Shut-Down all Channels
Temperature rising
153
°C
POWER SEQUENCE TIMING
tssVLOGIC
VLOGIC Soft-start Time
0.45
ms
Iss
Boost Soft-start Current
3
5.5
8
µA
Electrical Specifications VIN = ENABLE = 3.3V, AVDD =8V, VLDO = 2.5V, VON =24V, VOFF = - 6V. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS
Serial Interface Specifications For SCL and SDA Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 14)
TYP
(Note 7)
MAX
(Note 14)
UNITS
fSCL
(Note 6)
SCL Frequency
400
kHz
tiN
(Note 6)
Pulse Width Suppression Time at SDA
and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VIN, until
SDA exits the 30% to 70% of VIN window
480
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VIN during
the following START condition
480
ns
tLOW
Clock LOW Time
Measured at the 30% of VIN crossing
480
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VIN crossing
400
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA falling edge; both
crossing 70% of VIN
480
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VIN to
SCL falling edge crossing 70% of VIN
400
ns


Similar Part No. - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97649AIRZ RENESAS-ISL97649AIRZ Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649AIRZ-TR5566 RENESAS-ISL97649AIRZ-TR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results

Similar Description - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
   TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com