Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS902DN-T1-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIS902DN-T1-GE3
Description  Dual N-Channel 75-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS902DN-T1-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIS902DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIS902DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 64804
S09-0661-Rev. A, 20-Apr-09
www.vishay.com
5
Vishay Siliconix
SiS902DN
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.5
1.0
1.5
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
1.2
1.5
1.8
2.1
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.0
0.1
0.2
0.3
0.4
0.5
012
3
45
67
8
910
ID =3A
TJ = 25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
Time (s)
Safe Operating Area, Junction-to-Ambient
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
0.01
1s
10 s
100
100 µs
Limited byRDS(on)*
10 ms
100 ms
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
DC


Similar Part No. - SIS902DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS902DN VISHAY-SIS902DN_V01 Datasheet
649Kb / 8P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS902DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY_V01 Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI4992EY VISHAY-SI4992EY Datasheet
64Kb / 5P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 06-Sep-04
SI4992EY VISHAY-SI4992EY_09 Datasheet
254Kb / 9P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. C, 13-Jul-09
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com