Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL03-M-08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL03-M-08
Description  Small Signal Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL03-M-08 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL03-M-08 Datasheet HTML 1Page - Vishay Siliconix SL03-M-08 Datasheet HTML 2Page - Vishay Siliconix SL03-M-08 Datasheet HTML 3Page - Vishay Siliconix SL03-M-08 Datasheet HTML 4Page - Vishay Siliconix SL03-M-08 Datasheet HTML 5Page - Vishay Siliconix SL03-M-08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85190
Rev. 1.9, 23-Jul-10
SL02-M, SL03-M, SL04-M
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Mounted on epoxy substrate with 3 mm x 3 mm Cu pads (≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Pulse test: 300 µs pulse width, 1 % duty cycle
Maximum DC blocking voltage
SL02-M
VDC
20
V
SL03-M
VDC
30
V
SL04-M
VDC
40
V
Maximum average forward
rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
40
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air 1)
RthJA
180
K/W
Maximum operating junction
temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Instaneous forward voltage
SL02-M
VF
0.360
0.385
V
IF = 0.5 A
1)
SL03-M
VF
0.395
0.43
V
SL04-M
VF
0.450
0.51
V
Typical instantaneous forward
voltage
IF = 1.1 A
SL02-M
VF
0.420
V
SL03-M
VF
0.450
V
SL04-M
VF
0.530
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
SL02-M
IR
250
μA
TA = 100 °C
SL02-M
IR
8mA
TA = 25 °C
SL03-M
IR
130
μA
TA = 100 °C
SL03-M
IR
6mA
TA = 25 °C
SL04-M
IR
20
μA
TA = 100 °C
SL04-M
IR
6mA
Parameter
Test condition
Part
Symbol
Value
Unit


Similar Part No. - SL03-M-08

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SL03-M TAYCHIPST-SL03-M Datasheet
2Mb / 2P
   Small Signal Schottky Diodes
logo
Vishay Siliconix
SL03-M VISHAY-SL03-M Datasheet
107Kb / 6P
   Schottky Rectifier Surface-Mount
Rev. 2.6, 26-Feb-2021
SL03-M VISHAY-SL03-M Datasheet
107Kb / 6P
   Schottky Rectifier Surface-Mount
01-Jan-2022
More results

Similar Description - SL03-M-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com