Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBP20G5-7R027 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMBP20G5-7R027
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBP20G5-7R027 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMBP20G5-7R027 Datasheet HTML 1Page - Vishay Siliconix SMBP20G5-7R027 Datasheet HTML 2Page - Vishay Siliconix SMBP20G5-7R027 Datasheet HTML 3Page - Vishay Siliconix SMBP20G5-7R027 Datasheet HTML 4Page - Vishay Siliconix SMBP20G5-7R027 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 36010
For technical questions contact: connectors@vishay.com
www.vishay.com
Revision: 05-May-09
16
Rack and Panel Connectors Subminiature Rectangular
SM20
Vishay Dale
ELECTRICAL SPECIFICATIONS
Current Rating: 7.5 A
Breakdown Voltage:
At sea level: 2000 VRMS
At 70 000 feet [21 336 meters]: 500 VRMS
PHYSICAL SPECIFICATIONS
Number of Contacts: 5, 7, 11, 14, 20, 26, 34, 42, 50, 75
Contact Spacing: 0.120" [3.05 mm]
Contact Gauge: #20 AWG
Minimum Creepage Path Between Contacts:
0.080" [2.03 mm]
Minimum Air Space Between Contacts: 0.050" [1.27 mm]
FEATURES
• Lightweight
• Polarized by guides or screwlocks
• Screwlocks lock connectors together to withstand vibration
and accidental disconnect
• Overall height kept to a minimum
• Floating contacts aid in alignment and in withstanding
vibration
• Contacts, precision machined and individually gauged,
provide high reliability
• Insertion and withdrawal forces kept low without increasing
contact resistance
• Contact plating provides protection against corrosion,
assures low contact resistance and ease of soldering
APPLICATIONS
For use wherever space is at a premium and a high quality
connector
is
required
in
avionics,
automation,
communications,
controls,
instrumentation,
missiles,
computers and guidance systems.
MATERIAL SPECIFICATIONS
Contact Pin: Brass, gold plated
Contact Socket: Phosphor bronze, gold plated
(Beryllium copper available on request)
Guides: Stainless steel, passivated
Screwlocks: Stainless steel, passivated
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model GDI-30F, green
SMS20
SMP20
DIMENSIONS in inches [millimeters]
SMS
With Fixed Standard Guides
0.220
[5.59]
0.156 [3.96]
Typ.
See
Detail B
0.470
[11.94]
0.190 [4.83]
Typ.
2-56 UNC-2A
Threads Typ.
SMDS - DETAIL B
Dip Solder Contact Option
0.187
[4.75]
Typ.
0.030
[0.762]
Typ.
SMP
With Fixed Standard Guides
0.040 [1.02]
Dia. Typ.
0.220
[5.59]
0.120
[3.05]
See
Detail C
0.046 [1.17]
Dia. Solder Cup
#20 AWG Typ.
0.141 [3.58]
Typ.
0.530
[13.46]
SMDP - DETAIL C
Dip Solder Contact Option
0.040 ± 0.001
[1.02 ± 0.025]
Dia. Typ.
0.030
[0.762]
Typ.
0.187
[4.75]
Typ.
0.141
[3.58]
Typ.
SMS
With Fixed (SL) Screwlocks
0.110
[2.79]
2-56 UNC-2A
Thread is
standard
0.520
[13.21]
0.220
[5.59]
SMP
With Turnable (SK) Screwlocks
0.920
[23.37]
0.220
[5.59]
0.120
[3.05]
SMS
With Turnable (SK) Screwlocks
0.910
[23.11]
0.220
[5.59]
0.046 [1.17]
Wide x
0.062 [1.57]
Deep Typ.
0.110
[2.79]
2-56 UNC-2A
Thread is
standard
SMP
With Fixed (SL) Screwlocks
0.120
[3.05]
0.220
[5.59]
0.530
[13.46]


Similar Part No. - SMBP20G5-7R027

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SMBP4OAL100 BANNER-SMBP4OAL100 Datasheet
391Kb / 3P
   LED..O..M Series Diffused On-Axis Lights
SMBP4OAL50 BANNER-SMBP4OAL50 Datasheet
391Kb / 3P
   LED..O..M Series Diffused On-Axis Lights
logo
Central Semiconductor C...
SMBPD CENTRAL-SMBPD Datasheet
534Kb / 3P
   SMB Case
logo
Banner Engineering Corp...
SMBPPK BANNER-SMBPPK Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
SMBPPK BANNER-SMBPPK Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
More results

Similar Description - SMBP20G5-7R027

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com