Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1H10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS1H10
Description  High Voltage Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1H10 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS1H10 Datasheet HTML 1Page - Vishay Siliconix SS1H10 Datasheet HTML 2Page - Vishay Siliconix SS1H10 Datasheet HTML 3Page - Vishay Siliconix SS1H10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 89411
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Surface Mount Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
SS1H9, SS1H10
Vishay General Semiconductor
New Product
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low powevr losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
90 V to 100 V
IFSM
50 A
VF
0.62 V
IR
1.0 μA
TJ max.
175 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS1H9
SS1H10
UNIT
Device marking code
S9
S10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Storage temperature range
TSTG
- 65 to + 175
°C
Maximum operating temperature
TJ
175
°C


Similar Part No. - SS1H10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1H10 VISHAY-SS1H10 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS1H10 VISHAY-SS1H10 Datasheet
85Kb / 2P
   High Voltage Surface Mount Schottky Rectifier
16-Aug-04
SS1H10 VISHAY-SS1H10 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS1H10 VISHAY-SS1H10 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS1H10-E3-5AT VISHAY-SS1H10-E3-5AT Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results

Similar Description - SS1H10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
   High Voltage Surface Mount Schottky Rectifier
Revision: 16-Jan-14
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
   High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com