Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1131 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1131
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1131 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1131 Datasheet HTML 3Page - Texas Instruments ADS1131 Datasheet HTML 4Page - Texas Instruments ADS1131 Datasheet HTML 5Page - Texas Instruments ADS1131 Datasheet HTML 6Page - Texas Instruments ADS1131 Datasheet HTML 7Page - Texas Instruments ADS1131 Datasheet HTML 8Page - Texas Instruments ADS1131 Datasheet HTML 9Page - Texas Instruments ADS1131 Datasheet HTML 10Page - Texas Instruments ADS1131 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Z
=500MW
EFF
AVDD
Z
=500MW
EFF
VREFP
VREFN
AVDD
ESD
Protection
C
BUF
Bridge
Sensor
+VDD
AINP
AINN
VREFN
SW
GND
ADS1131
VREFP
ADS1131
www.ti.com
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
VOLTAGE REFERENCE INPUTS
LOW-SIDE POWER SWITCH (SW)
(VREFP, VREFN)
The ADS1131 incorporates an internal switch for use
The voltage reference used by the modulator is
with an external bridge sensor, as shown in Figure 3.
generated
from
the
voltage
difference
between
The switch can be used in a return path for the bridge
VREFP and VREFN: VREF = VREFP – VREFN. The
power. By opening the switch, power dissipation in
reference inputs use a structure similar to that of the
the bridge is eliminated.
analog inputs. In order to increase the reference input
The switch is controlled by the ADS1131 conversion
impedance, a switching buffer circuitry is used to
status. During normal conversions, the switch is
reduce
the
input
equivalent
capacitance.
The
closed (the SW pin is connected to GND). During
reference drift and noise impact ADC performance. In
standby or power-down modes, the switch is opened
order to achieve best results, pay close attention to
(the SW pin is high impedance). When using the
the
reference
noise
and
drift
specifications.
A
switch, it is recommended that the negative reference
simplified diagram of the circuitry on the reference
input (VREFN) be connected directly to the bridge
inputs is shown in Figure 2. The switches and
ground terminal, as shown in Figure 3 for best
capacitors can be modeled approximately using an
performance.
effective impedance of:
Figure 2. Simplified Reference Input Circuitry
ESD diodes protect the reference inputs. To prevent
these diodes from turning on, make sure the voltages
Figure 3. Low-Side Power Switch
on the reference pins do not go below GND by more
than 100mV, and likewise, do not exceed AVDD by
100mV:
CLOCK SOURCE
GND
– 100mV < (VREFP or VREFN) < AVDD +
The ADS1131 uses an internal oscillator. No external
100mV
clock circuitry is required.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - ADS1131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131 TI1-ADS1131 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1131ID TI1-ADS1131ID Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com