Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1131IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1131IDR
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1131IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1131IDR Datasheet HTML 5Page - Texas Instruments ADS1131IDR Datasheet HTML 6Page - Texas Instruments ADS1131IDR Datasheet HTML 7Page - Texas Instruments ADS1131IDR Datasheet HTML 8Page - Texas Instruments ADS1131IDR Datasheet HTML 9Page - Texas Instruments ADS1131IDR Datasheet HTML 10Page - Texas Instruments ADS1131IDR Datasheet HTML 11Page - Texas Instruments ADS1131IDR Datasheet HTML 12Page - Texas Instruments ADS1131IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AbruptChangeinV
IN
V
IN
DRDY/DOUT
Startof
Conversion
1stConversion;
includes
unsettledV .
IN
2ndConversion;
V
settled,but
IN
digitalfilter
unsettled.
3rdConversion;
V
settled,but
IN
digitalfilter
unsettled.
4thConversion;
V
settled,but
IN
digitalfilter
unsettled.
5thConversion;
V
anddigital
IN
filterboth
settled.
Conversion
Time
ADS1131
www.ti.com
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
Table 1. Data Rate Settings
SETTLING TIME
SPEED PIN
DATA RATE
Fast changes in the input signal require time to settle.
0
10SPS
For example, an external multiplexer in front of the
ADS1131 can generate abrupt changes in input
1
80SPS
voltage by simply switching the multiplexer input
channels. These sorts of changes in the input require
DATA FORMAT
four
data
conversion
cycles
to
settle.
When
The ADS1131 outputs 18 bits of data in binary twos
continuously
converting,
five
readings
may
be
complement format. The least significant bit (LSB)
necessary in order to settle the data. If the change in
has a weight of (0.5VREF/64)(2
17
– 1). The positive
input occurs in the middle of the first conversion, four
full-scale input produces an output code of 1FFFFh
more full conversions of the fully-settled input are
and the negative full-scale input produces an output
required to obtain fully-settled data. Discard the first
code of 20000h. The output clips at these codes for
four
readings
because
they
contain
only
signals exceeding full-scale. Table 2 summarizes the
partially-settled data. Figure 5 illustrates the settling
ideal output codes for different input signals.
time for the ADS1131.
Table 2. Ideal Output Code vs Input Signal
DATA RATE
INPUT SIGNAL VIN
The ADS1131 data rate is set by the SPEED pin, as
(AINP
– AINN)
IDEAL OUTPUT
shown in Table 1. When SPEED is low, the data rate
≥ +0.5VREF/64
1FFFFh
is nominally 10SPS. This data rate provides the
00001h
(+0.5VREF/64)/(2
17 – 1)
lowest noise, and also has excellent rejection of both
0
00000h
50Hz
and
60Hz
line-cycle
interference.
For
applications requiring fast data rates, setting SPEED
3FFFFh
(
–0.5VREF/64)/(2
17 – 1)
high selects a data rate of nominally 80SPS.
≤ –0.5VREF/64
20000h
1. Excludes effects of noise, INL, offset, and gain
errors.
Figure 5. Settling Time in Continuous Conversion Mode
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - ADS1131IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131IDR TI1-ADS1131IDR Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com