Electronic Components Datasheet Search |
|
SMBS20G5-34R027 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SMBS20G5-34R027 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 5 page www.vishay.com For technical questions contact: connectors@vishay.com Document Number: 36010 17 Revision: 05-May-09 SM20 Vishay Dale Rack and Panel Connectors Subminiature Rectangular DIMENSIONS in inches [millimeters] TERMINAL VARIATIONS in inches [millimeters] SMP With Turnable (SK030) Screwlocks 0.120 [3.05] 0.046 [1.17] Wide x 0.062 [1.57] Deep Typ. 0.590 [14.99] 0.220 [5.59] 0.156 [3.96] Dia. SMP With Turnable (SK035) Screwlocks View A-A Typ. A 0.120 [3.05] 0.610 [15.49] A 0.220 [5.59] 0.093 [2.36] Hex Typ. 0.156 [3.96] Dia. SMS With Turnable (SK035) Screwlocks 2-56 UNC-2A Thread is standard 0.110 [2.79] 0.220 [5.59] 0.595 [15.11] SMP With Turnable (SK030) Screwlocks 0.120 [3.05] 0.046 [1.17] Wide x 0.062 [1.57] Deep Typ. 0.590 [14.99] 0.220 [5.59] 0.156 [3.96] Dia. DIP SOLDER PC BOARD MOUNTING PATTERNS Male (SMP) Connector is shown - Female is opposite. Contact row and Mating Hole C to C Dimensions also applies to Solder Cup Connectors. 14 CONTACTS 11 CONTACTS 7 CONTACTS 5 CONTACTS 42 CONTACTS 50 CONTACTS 75 CONTACTS 34 CONTACTS 26 CONTACTS 20 CONTACTS 0.125 [3.18] Typ. LL 1.250 [31.75] Ref. 1.562 [39.67] 0.093 [2.36] Dia. Typ. 0.324 [8.23] Ref. 0.108 [2.74] Typ. 0.156 [3.96] Typ. 0.054 [1.37] Typ. 0.0625 [1.59] Typ. 0.110 [2.79] 0.220 [5.59] 1.500 [38.10] Ref. 0.093 [2.36] Dia. Typ. 1.812 [46.02] 0.540 [13.72] Ref. 0.108 [2.74] Typ. 0.0625 [1.59] Typ. 0.156 [3.96] Typ. 0.250 [6.35] Ref. 0.531 [13.49] 0.108 [2.74] Ref. 0.093 [2.36] Dia. Typ. 0.054 [1.37] Typ. 0.140 [3.56] Typ. 0.0625 [1.59] Typ. 0.093 [2.36] Dia. Typ. 0.054 [1.37] Typ. 0.108 [2.74] Ref. 0.375 [9.53] Ref. 0.625 [15.88] 0.0625 [1.59] Typ. 0.216 [5.49] Ref. 0.108 [2.74] Typ. 0.0625 [1.59] Typ. 0.750 [19.05] 0.500 [12.70] Ref. 0.093 [2.36] Dia. Typ. 0.125 [3.18] Typ. 0.750 [19.05] Ref. 1.0 [25.40] 0.093 [2.36] Dia. Typ. 0.108 [2.74] Typ. 0.216 [5.49] Ref. 0.0625 [1.59] Typ. 0.125 [3.18] Typ. 1.000 [25.40] Ref. 0.216 [5.49] Ref. 1.25 [31.75] 0.093 [2.36] Dia. Typ. 0.0625 [1.59] Typ. 0.108 [2.74] Typ. 0.125 [3.18] Typ. 1.000 [25.40] Typ. 0.054 [1.37] Typ. 0.0625 [1.59] Typ. 1.312 [33.32] 0.324 [8.23] Ref. 0.093 [2.36] Dia. Typ. 0.108 [2.74] Typ. 0.156 [3.96] Typ. 0.0625 [1.59] Typ. 1.812 [46.02] 1.500 [38.10] Ref. 0.054 [1.37] Typ. 0.093 [2.36] Dia. Typ. 0.108 [2.74] Typ. 0.156 [3.96] Typ. 0.324 [8.23] Ref. 0.625 [15.88] 0.0625 [1.59] Typ. 0.108 [2.74] Typ. 0.216 [5.49] Ref. 0.093 [2.36] Dia. Typ. 0.375 [9.53] Ref. 0.125 [3.18] Typ. B A B A C B A C B A A B C C B A C BA A B C B A B C A C |
Similar Part No. - SMBS20G5-34R027 |
|
Similar Description - SMBS20G5-34R027 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |