Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12P4C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS12P4C
Description  High Current Density Surface Mount Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12P4C Datasheet(HTML) 2 Page - Vishay Siliconix

  SS12P4C Datasheet HTML 1Page - Vishay Siliconix SS12P4C Datasheet HTML 2Page - Vishay Siliconix SS12P4C Datasheet HTML 3Page - Vishay Siliconix SS12P4C Datasheet HTML 4Page - Vishay Siliconix SS12P4C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89141
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS12P4C
Vishay General Semiconductor
New Product
Notes
(3) Pulse test: 300 µs pulse width, 1 % duty cycle
(4) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area. Thermal resistance RJA - junction to ambient.
(2) Mounted on 30 mm x 30 mm Al PCB with 50 mm x 25 mm x 100 mm fin heat sink. Thermal resistance RJM - junction to mount.
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Notes
Mounted on 30 mm x 30 mm Al PCB with 50 mm x 25 mm x
100 mm fin heat sink, TM measured at the terminal of cathode
band (RJM = 3 °C/W)
Free
air,
mounted
on
recommended
copper
pad
area
(RJA = 100 °C/W)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 1 A
TA = 25 °C
VF (1)
0.34
-
V
IF = 3 A
0.40
-
IF = 6 A
0.46
0.52
IF = 1 A
TA = 100 °C
0.24
-
IF = 3 A
0.31
-
IF = 6 A
0.40
0.45
Reverse current per diode
Rated VR
TA = 25 °C
IR (2)
129
500
µA
TA = 100 °C
11.9
25
mA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
400
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS12P4C
UNIT
Typical thermal resistance
RJA (1)
100
°C/W
RJM (2)
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS12P4C-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS12P4C-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS12P4CHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS12P4CHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
10
12
14
8
6
4
2
0
0
25
50
75
125
150
Ambient Temperature (°C)
100
T
M = 100 °C
(1)
T
A = 25 °C
(2)


Similar Part No. - SS12P4C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS12P4C VISHAY-SS12P4C Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS12P4C VISHAY-SS12P4C_15 Datasheet
100Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - SS12P4C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10P5 VISHAY-SS10P5_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 19-Apr-11
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS1P5L VISHAY-SS1P5L Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS2P2 VISHAY-SS2P2_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 02-Aug-13
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS2P2 VISHAY-SS2P2_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-Dec-14
SS1P5L VISHAY-SS1P5L_V01 Datasheet
106Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com