Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA149AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AIDR
Description  High Common-Mode Voltage Difference Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149AIDR Datasheet(HTML) 5 Page - Texas Instruments

  INA149AIDR Datasheet HTML 1Page - Texas Instruments INA149AIDR Datasheet HTML 2Page - Texas Instruments INA149AIDR Datasheet HTML 3Page - Texas Instruments INA149AIDR Datasheet HTML 4Page - Texas Instruments INA149AIDR Datasheet HTML 5Page - Texas Instruments INA149AIDR Datasheet HTML 6Page - Texas Instruments INA149AIDR Datasheet HTML 7Page - Texas Instruments INA149AIDR Datasheet HTML 8Page - Texas Instruments INA149AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
6
8
3
1
2
7
4
5
NC
V+
V
OUT
REF
B
−IN
+IN
+
20 k
380 k
380 k
380 k
19 k
REF
A
V−
INA149
www.ti.com
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
THERMAL INFORMATION
INA149
THERMAL METRIC(1)
D (SOIC)
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
110
θJCtop
Junction-to-case (top) thermal resistance
57
θJB
Junction-to-board thermal resistance
54
°C/W
ψJT
Junction-to-top characterization parameter
11
ψJB
Junction-to-board characterization parameter
53
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
PIN CONFIGURATION
D PACKAGE
SOIC-8
(TOP VIEW)
PIN DESCRIPTIONS
NAME
NO.
DESCRIPTION
–IN
2
Inverting input
+IN
3
Noninverting input
NC
8
No internal connection
REFA
5
Reference input
REFB
1
Reference input
V
4
Negative power supply
V+
7
Positive power supply(1)
VOUT
6
Output
(1)
In this document, (V+)
– (V–) is referred to as VS.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA149


Similar Part No. - INA149AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA149AMDREP TI1-INA149AMDREP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
More results

Similar Description - INA149AIDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com