Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS29 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS29
Description  High Voltage Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS29 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS29 Datasheet HTML 1Page - Vishay Siliconix SS29 Datasheet HTML 2Page - Vishay Siliconix SS29 Datasheet HTML 3Page - Vishay Siliconix SS29 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS29 & SS210
Vishay General Semiconductor
Document Number: 88749
Revision: 07-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Instantaneous Forward Characteristics
0
25
50
75
100
1
10
100
Number of Cycles at 60 Hz
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
Figure 5. Typical Reverse Leakage Characteristics
Figure 6. Typical Junction Capacitance
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0.180 (4.57)
0.160 (4.06)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
DO-214AA (SMB)
0 (0)
Cathode Band
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.
Mounting Pad Layout


Similar Part No. - SS29

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS29 FAIRCHILD-SS29 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Taiwan Semiconductor Co...
SS29 TSC-SS29 Datasheet
186Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SS29 HORNBY-SS29 Datasheet
265Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS29 FAIRCHILD-SS29 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Shenzhen Taychipst Elec...
SS29 TAYCHIPST-SS29 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS29

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
   High Voltage Surface Mount Schottky Rectifier
Revision: 16-Jan-14
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
   High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com