Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDP20G-20RSK Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SMDP20G-20RSK
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMDP20G-20RSK Datasheet(HTML) 4 Page - Vishay Siliconix

  SMDP20G-20RSK Datasheet HTML 1Page - Vishay Siliconix SMDP20G-20RSK Datasheet HTML 2Page - Vishay Siliconix SMDP20G-20RSK Datasheet HTML 3Page - Vishay Siliconix SMDP20G-20RSK Datasheet HTML 4Page - Vishay Siliconix SMDP20G-20RSK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions contact: connectors@vishay.com
Document Number: 36010
19
Revision: 05-May-09
SM20
Vishay Dale
Rack and Panel Connectors Subminiature Rectangular
Note
(1) To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation.
PANEL CUTOUT in inches [millimeters]
NUMBER OF
CONTACTS
A
B
C
D
FIGURE
5
0.230
[5.84]
0.531
[13.49]
0.410
[10.41]
-
I
7
0.230
[5.84]
0.625
[15.88]
0.500
[12.70]
-
11
0.340
[8.64]
0.625
[15.88]
0.530
[13.46]
-
14
0.340
[8.64]
0.750
[19.05]
0.620
[15.75]
-
20
0.340
[8.64]
1.0
[25.40]
0.910
[23.11]
-
26
0.340
[8.64]
1.25
[31.75]
1.16
[29.46]
-
34
0.500
[12.70]
1.312
[33.32]
1.16
[29.46]
0.343
[8.71]
II
42
0.500
[12.70]
1.562
[39.68]
1.41
[35.81]
0.343
[8.71]
50
0.500
[12.70]
1.812
[46.02]
1.66
[42.16]
0.343
[8.71]
75
0.720
[18.29]
1.812
[46.02]
1.66
[42.16]
0.562
[14.28]
III
FIGURE I
0.093 [2.36]
Dia. Typ.
D
B
C
A
A
D
0.312
[7.93]
B
C
A
B
0.093
[2.36]
C
Dia. Typ.
0.218
[5.54]
FIGURE III
0.093
[2.36]
FIGURE II
0.093 [2.36]
ORDERING INFORMATION
-
EXAMPLES:
SMBS20-26SK035 = Female, 26 beryllium copper socket contacts
with socket head knobs on turnable screwlocks for #20 AWG wiring.
SMP20-14SL3 = Male, 14 contact pins, fixed screwlocks with 3-48 threads
for #20 AWG wiring.
B
CONTACT
TYPE
(OPTIONAL)
B = Beryllium copper, socket
contacts (Solder cup)
D = Dip solder contacts
C
CONTACTS
(OPTIONAL)
Closed entry socket
contacts only. Omit
for standard contacts.
027 (1)
HARDWARE
OPTIONS
(Omit if no hardware desired)
027 = Slotted cres guides 0.090" [2.29 mm]
diameter
SK = Turnable screwlocks with 2-56 threads
SK3 = Turnable screwlocks with 3-48 threads
SL = Fixed screwlocks with 2-56 threads
SL3 = Fixed screwlocks with 3-48 threads
SK030 = Turnable screwlocks with short
slotted knobs
SK035 = Turnable screwlocks with socket
head knobs
SK3030 = Turnable screwlocks with short
slotted knobs with 3-48 threads
SK3035 = Turnable screwlocks with
socket head knobs with 3-48 threads
20
CONTACT
SIZE
#20 AWG
S
CONTACT
STYLE
P = Pin
S = Socket
SM
MODEL
Subminiature
R
(OPTIONAL)
(OPTIONAL)
R = Reversed guides
or screwlocks
Omit for standard
5, 7, 11, 14, 20,
26, 34, 42, 50, 75
26
NUMBER OF
CONTACTS
G
PLATING
Optional plating available:
G = Gold (0.00003 thick) over nickel
G5 = Gold (0.00005 thick) over nickel
Omit designator for gold
(0.00001 thick) over nickel


Similar Part No. - SMDP20G-20RSK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SMDP-67204HV-15SCC ATMEL-SMDP-67204HV-15SCC Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
SMDP-67204HV-30SCC ATMEL-SMDP-67204HV-30SCC Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
SMDP-672061HV-15SCC ATMEL-SMDP-672061HV-15SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
SMDP-672061HV-30SCC ATMEL-SMDP-672061HV-30SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
SMDP-67206HV-15SCC ATMEL-SMDP-67206HV-15SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results

Similar Description - SMDP20G-20RSK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com