Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1000C18K1L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST1000C18K1L
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C18K1L Datasheet(HTML) 2 Page - Vishay Siliconix

  ST1000C18K1L Datasheet HTML 1Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 2Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 3Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 4Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 5Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 6Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 7Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93714
2
Revision: 02-Feb-11
ST1000C..K Series
Vishay Semiconductors
Phase Control Thyristors
(Hockey PUK Version), 1473 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
Double side (single side) cooled
1473 (630)
A
55 (85)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
6540
A
Maximum peak, one-cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
20.0
kA
t = 8.3 ms
21.2
t = 10 ms
100 % VRRM
reapplied
17.0
t = 8.3 ms
18.1
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
2000
kA2s
t = 8.3 ms
1865
t = 10 ms
100 % VRRM
reapplied
1445
t = 8.3 ms
1360
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
20 000
kA2
s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.950
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ = TJ maximum
1.024
Low level value of on-state slope resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.283
m
High level value of on-state slope resistance
rt2
(I >
 x I
T(AV)), TJ = TJ maximum
0.265
Maximum on-state voltage drop
VTM
Ipk = 3000 A, TJ = 125 °C, tp = 10 ms sine pulse
1.80
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
600
mA
Typical latching current
IL
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
Gate drive 20 V, 20
, t
r  1 μs
TJ = TJ maximum, anode voltage  80 % VDRM
1000
A/μs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/μs
Vd = 0.67 % VDRM, TJ = 25 °C
1.9
μs
Typical turn-off time
tq
ITM = 550 A, TJ = TJ maximum, dI/dt = 40 A/μs,
VR = 50 V, dV/dt = 20 V/μs, gate 0 V 100 , tp = 500 μs
300
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/μs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
100
mA


Similar Part No. - ST1000C18K1L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1000C12K0 IRF-ST1000C12K0 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0 VISHAY-ST1000C12K0 Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K0L IRF-ST1000C12K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K1 IRF-ST1000C12K1 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST1000C18K1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com