Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEMD1000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TEMD1000
Description  Silicon PIN Photodiode, RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMD1000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TEMD1000_11 Datasheet HTML 1Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 2Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 3Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 4Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 5Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 6Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 7Page - Vishay Siliconix TEMD1000_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TEMD1000, TEMD1020, TEMD1030, TEMD1040
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 09-Aug-11
1
Document Number: 81564
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode, RoHS Compliant
DESCRIPTION
TEMD1000 series are PIN photodiodes with high speed and
high radiant sensitivity in black, surface mount plastic
packages with lens and daylight blocking filter. Filter
bandwidth is matched with 870 nm to 950 nm IR emitters.
FEATURES
• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Radiant sensitive area (in mm2): 0.23
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Fast response times
• Angle of half sensitivity:
 = ± 15°
• Package matches with IR emitter series TSMF1000
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance with WEEE 2002/96/EC
APPLICATIONS
• High speed detector for infrared radiation
• Infrared
remote
control
and
free
air
data
transmissionsystems, e.g. in combination with TSFFxxxx
series IR emitters
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
18029
TEMD1000
TEMD1030
TEMD1040
TEMD1020
PRODUCT SUMMARY
COMPONENT
Ira (μA)
 (deg)
0.5 (nm)
TEMD1000
6.0 to 13.0
± 15
790 to 1050
TEMD1020
6.0 to 13.0
± 15
790 to 1050
TEMD1030
6.0 to 13.0
± 15
790 to 1050
TEMD1040
6.0 to 13.0
± 15
790 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TEMD1000
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Reverse gullwing
TEMD1020
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Gullwing
TEMD1030
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Yoke
TEMD1040
Bulk
MOQ: 1000 pcs, 1000 pcs/bulk
Axial leads
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb  25 °C
PV
75
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
 5 s
Tsd
< 260
°C


Similar Part No. - TEMD1000_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
TEMD1000 VISHAY-TEMD1000_V01 Datasheet
192Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2022
More results

Similar Description - TEMD1000_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPV23NF VISHAY-BPV23NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW24R VISHAY-BPW24R_11 Datasheet
151Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 11-Aug-11
BPW83 VISHAY-BPW83_V01 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
BPW83 VISHAY-BPW83_V02 Datasheet
82Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPV22NF VISHAY-BPV22NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
BPV22F VISHAY-BPV22F_08 Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW82 VISHAY-BPW82_V02 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPW24R VISHAY-BPW24R_V01 Datasheet
173Kb / 6P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com