Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC368 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BC368
Description  NPN Silicon AF Transistor (High current gain High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC368 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BC368 Datasheet HTML 1Page - Siemens Semiconductor Group BC368 Datasheet HTML 2Page - Siemens Semiconductor Group BC368 Datasheet HTML 3Page - Siemens Semiconductor Group BC368 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BC 368
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 30 mA
V(BR)CE0
20
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
25
DC current gain
IC = 5 mA; VCE = 10 V
IC = 500 mA; VCE = 1 V1)
IC = 1 A; VCE = 1 V1)
hFE
50
85
60
160
375
MHz
Transition frequency
IC = 100 mA, VCE = 5 V, f = 20 MHz
fT
100
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
AC characteristics
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
5––
nA
µA
Collector cutoff current
VCB = 25 V
VCB = 25 V, TA = 150 ˚C
ICB0
100
10
nA
Emitter cutoff current
VEB = 5 V
IEB0
100
V
Collector-emitter saturation voltage1)
IC = 1 A; IB = 100 mA
VCEsat
0.5
Base-emitter voltage1)
IC = 5 mA; VCE = 10 V
IC = 1 A; VCE = 1 V
VBE
0.6
1
1)
Pulse test: t
300 µs, D 2%.


Similar Part No. - BC368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
logo
Foshan Blue Rocket Elec...
BC368 FOSHAN-BC368 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Jiangsu Changjiang Elec...
BC368 JIANGSU-BC368 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
   NPN medium power transistor
1999 Apr 26
More results

Similar Description - BC368

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
   NPN Silicon Darlington Transistor (High current gain High collector current)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com