Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HFL20S10 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T40HFL20S10
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL20S10 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T40HFL20S10 Datasheet HTML 6Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 7Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 8Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 9Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 10Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 11Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 12Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 13Page - Vishay Siliconix T40HFL20S10 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93184
10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-May-10
T40HFL, T70HFL, T85HFL Series
Vishay Semiconductors
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Fig. 37 - Frequency Characteristics
Fig. 38 - Frequency Characteristics
Fig. 39 - Maximum Forward Energy Power Loss Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
1E4
T40HFL.. Series
Sinusoida l Pulse
T = 70°C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
5000
Pulse Basewidth (µs)
T40HFL.. Series
Trapezoid al Pulse
T
= 70 °C
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
1E4
Sinusoid a l Pulse
T = 90°C
C
T40HFL.. Series
E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
5000
Pulse Basewidth (µs)
Tra pezoid a l Pulse
tp
T40HFL..
1E1
T = 90 °C
C
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
0.01
0.02
0.04
0.1
0.2
0.4
1
2
4
10
20 joules per pulse
Pulse Basewidth (µs)
tp
1E4
T40HFL.. Series
Sinusoid al Pulse
T = 125 °C
J
1E1
1E2
1E3
1E4
0.01
0.02
0.04
0.1
0.2
0.4
1
2
4
10
20 joules per pulse
Tra pezoida l Pulse
Pulse Basewidth (µs)
T40HFL.. Series
T = 125°C
di/ d t = 50A/ µs
1E1
tp
J


Similar Part No. - T40HFL20S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T40HFL20S10 IRF-T40HFL20S10 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T40HFL20S10 VISHAY-T40HFL20S10 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results

Similar Description - T40HFL20S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com