Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEMT6000X01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TEMT6000X01
Description  Ambient Light Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMT6000X01 Datasheet(HTML) 3 Page - Vishay Siliconix

  TEMT6000X01_09 Datasheet HTML 1Page - Vishay Siliconix TEMT6000X01_09 Datasheet HTML 2Page - Vishay Siliconix TEMT6000X01_09 Datasheet HTML 3Page - Vishay Siliconix TEMT6000X01_09 Datasheet HTML 4Page - Vishay Siliconix TEMT6000X01_09 Datasheet HTML 5Page - Vishay Siliconix TEMT6000X01_09 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 81579
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 1.8, 26-Mar-09
491
TEMT6000X01
Ambient Light Sensor
Vishay Semiconductors
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Photo Current vs. Ambient Temperature
Fig. 4 - Photo Current vs. Illuminance
Fig. 5 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 6 - Relative Spectral Sensitivity vs. Wavelength
Fig. 7 - Relative Radiant Sensitivity vs. Angular Displacement
19758
100
80
60
40
20
0
- 20
- 40
T
- Ambient Temperature (°C)
amb
10
10-6
-7
10-8
10-9
10-10
10-11
10-12
10-13
V
CE = 5 V
19759
100
80
60
40
20
0
- 20
- 40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
T
- Ambient Temperature (°C)
amb
V
CE = 5 V, T = 2856 K
19760
1
10
100
1000
10
100
1000
E v - Illuminance (Ix)
19762
f = 1 MHz
VCE - Collector Emitter Voltage (V)
25
20
15
10
5
0
0.1
1.0
10.0
20019
0.0
0.1
0.2
0.3
0.4
0.5
300 400 500 600 700 800 900 1000 1100
λ - Wavelength (nm)
0.6
0.7
0.8
0.9
1.0
0.4
0.2
0
94 8318
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - TEMT6000X01_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
   Ambient Light Sensor
01-Jan-2021
TEMT6000X01 VISHAY-TEMT6000X01_V02 Datasheet
148Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results

Similar Description - TEMT6000X01_09

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com