Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4650-TR4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFBS4650-TR4
Description  Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4650-TR4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFBS4650-TR4 Datasheet HTML 1Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 2Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 3Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 4Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 5Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 6Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 7Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 8Page - Vishay Siliconix TFBS4650-TR4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TFBS4650
Vishay Semiconductors Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
www.vishay.com
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Document Number: 84672
2
Rev. 1.5,16-Sep-09
FUNCTIONAL BLOCK DIAGRAM
PINOUT
TFBS4650, bottom view
weight 0.05 g
Definitions:
In
the
Vishay
transceiver
datasheets
the
following
nomenclature is used for defining the IrDA operating modes:
SIR: 2.4 kbit/s to 115.2 kbit/s, equivalent to the basic serial
infrared standard with the physical layer version IrPhy 1.0
MIR: 576 kbit/s to 1152 kbit/s
FIR: 4 Mbit/s
VFIR: 16 Mbit/s
MIR and FIR were implemented with IrPhy 1.1, followed by
IrPhy 1.2, adding the SIR low power standard. IrPhy 1.3
extended the low power option to MIR and FIR and VFIR was
added with IrPhy 1.4. A new version of the standard in any
case obsoletes the former version.
IRED Driver
TXD
SD
GND
VCC
IREDA
RXD
Amplifier
Comparator
Tri-State
Driver
Mode
Control
PD
IRED
ASIC
IREDC
19283
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
I/O
ACTIVE
1
IREDA
IRED anode, connected via a current limiting resistor to VCC2. A separate
unregulated power supply can be used.
2
IREDC
IRED cathode, do not connect for standard operation.
3TXD
Transmitter data input. Setting this input above the threshold turns on the transmitter.
This input switches the IRED with the maximum transmit pulse width of about 100 µs.
IHigh
4RXD
Receiver output. Normally high, goes low for a defined pulse duration with the rising
edge of the optical input signal. Output is a CMOS tri-state driver, which swings
between ground and VCC. Receiver echoes transmitter output.
O
Low
5SD
Shutdown. Logic low at this input enables the receiver, enables the transmitter, and
un-tri-states the receiver output. It must be driven high for shutting down the
transceiver.
IHigh
6VCC
Power supply, 2.4 V to 3.6 V. This pin provides power for the receiver and transmitter
drive section. Connect VCC1 via an optional filter.
7
GND
Ground
19284


Similar Part No. - TFBS4650-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650-TR4 VISHAY-TFBS4650-TR4 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
More results

Similar Description - TFBS4650-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com