Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4101 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TFDU4101
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4101 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TFDU4101 Datasheet HTML 5Page - Vishay Siliconix TFDU4101 Datasheet HTML 6Page - Vishay Siliconix TFDU4101 Datasheet HTML 7Page - Vishay Siliconix TFDU4101 Datasheet HTML 8Page - Vishay Siliconix TFDU4101 Datasheet HTML 9Page - Vishay Siliconix TFDU4101 Datasheet HTML 10Page - Vishay Siliconix TFDU4101 Datasheet HTML 11Page - Vishay Siliconix TFDU4101 Datasheet HTML 12Page - Vishay Siliconix TFDU4101 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Document Number: 81288
10
Rev. 1.5, 08-Jul-09
TFDU4101
Vishays Semiconductors Infrared Transceiver Module (SIR, 115.2 kbit/s)
for IrDA® Applications
Fig. 9 - Recommended Footprint for Top View Applications and Solderpaste Mask
REEL DIMENSIONS in millimeters
20036
14017
Drawing-No.: 9.800-5090.01-4
Issue: 1; 29.11.05
TAPE WIDTH
(mm)
A MAX.
(mm)
N
(mm)
W1 MIN.
(mm)
W2 MAX.
(mm)
W3 MIN.
(mm)
W3 MAX.
(mm)
24
330
60
24.4
30.4
23.9
27.4


Similar Part No. - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4101 VISHAY-TFDU4101 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
TFDU4101 VISHAY-TFDU4101 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4101 VISHAY-TFDU4101 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
More results

Similar Description - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com