Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4650-TT3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFBS4650-TT3
Description  Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4650-TT3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFBS4650-TT3 Datasheet HTML 1Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 2Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 3Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 4Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 5Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 6Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 7Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 8Page - Vishay Siliconix TFBS4650-TT3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TFBS4650
Vishay Semiconductors Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
www.vishay.com
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Document Number: 84672
4
Rev. 1.5,16-Sep-09
Notes
Tamb = 25 °C, VCC = 2.4 V to 3.6 V unless otherwise noted.
Typical values are for design aid only, not guaranteed nor subject to production testing.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TRANSCEIVER
Supply voltage range
VCC
2.4
3.6
V
Dynamic supply current
Idle, dark ambient
SD = low (< 0.8 V),
Eeamb = 0 klx,
Ee < 4 mW/m2
- 25 °C
≤ T ≤ + 85 °C
ICC
90
130
µA
Idle, dark ambient
SD = low (< 0.8 V),
Eeamb= 0 klx,
Ee < 4 mW/m2
T = + 25 °C
ICC
75
µA
Peak supply current during
transmission
SD = low, TXD = high
Iccpk
23
mA
Shutdown supply current
dark ambient
SD = high
(> VCC - 0.5 V),
T = 25 °C, Ee = 0 klx
ISD
0.1
µA
Shutdown supply current, dark
ambient
SD = high
(> VCC - 0.5 V),
- 25 °C
≤ T ≤ + 85 °C
ISD
1µA
Operating temperature range
TA
- 25
+ 85
°C
Input voltage low (TXD, SD)
VIL
- 0.5
0.5
V
Input voltage high
VCC = 2.4 V to 3.6 V
VIH
VCC - 0.5
6
V
Input voltage threshold SD
VCC = 2.4 V to 3.6 V
0.9
1.35
1.8
V
Output voltage low
VCC = 2.4 V to 3.6 V
CLOAD = 15 pF
VOL
- 0.5
VCC x 0.15
V
Output voltage high
VCC = 2.4 V to 3.6 V
CLOAD = 15 pF
VOH
VCC x 0.8
VCC + 0.5
V
RXD to VCC pull-up impedance
SD = VCC
VCC = 2.4 V to 5 V
RRXD
500
k
Ω
Input capacitance
(TXD, SD)
CI
6pF


Similar Part No. - TFBS4650-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650-TT3 VISHAY-TFBS4650-TT3 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results

Similar Description - TFBS4650-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com