Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFU0603FF04000PW00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFU0603FF04000PW00
Description  Thick Film Chip Fuses
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFU0603FF04000PW00 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFU0603FF04000PW00 Datasheet HTML 1Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 2Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 3Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 4Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 5Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 6Page - Vishay Siliconix TFU0603FF04000PW00 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28797
For technical questions, contact: fuse@vishay.com
www.vishay.com
Revision: 26-May-10
5
TFU 0603
Thick Film Chip Fuses
Vishay Beyschlag
FUNCTIONAL PERFORMANCE
Note
(1) Fuses mounted on a test board according to IEC 60127-4
Typical
tpre-arc vs. I characteristic of TFU 0603 (1)
Typical
I2t vs. tpre-arc characteristic of TFU 0603 (1)
100
10-4
1
Current I (A)
10-3
10-2
10-1
100
101
102
103
104
TFU 0603-FF
4.00 A
3.50 A
3.00 A
2.50 A
2.00 A
10
TFU 0603-FF
4.00 A
3.50 A
3.00 A
2.50 A
2.00 A
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
Pre-arc Time tpre-arc (s)
10-4
10-3
10-2
10-1
100
101
102


Similar Part No. - TFU0603FF04000PW00

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
TFU001 BURKERT-TFU001 Datasheet
314Kb / 5P
   Strainer
27.08.2019
TFU002 BURKERT-TFU002 Datasheet
580Kb / 7P
   Check valve for water and air
03.11.2022
TFU005 BURKERT-TFU005 Datasheet
485Kb / 5P
   Non-return flap for water
06.08.2021
TFU006 BURKERT-TFU006 Datasheet
715Kb / 9P
   Pressure regulator for water
03.10.2022
More results

Similar Description - TFU0603FF04000PW00

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com