Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C825 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-C825
Description  NPN Silicon Darlington Transistor (High current gain High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C825 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-C825 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C825 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C825 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C825 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BC 517
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 10 mA
V(BR)CE0
30
Collector-base breakdown voltage
IC = 100
µA
V(BR)CB0
40
DC current gain
IC = 20 mA; VCE = 2 V1)
hFE
30 000 –
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
150
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
AC characteristics
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
10
nA
µA
Collector cutoff current
VCB = 30 V
VCB = 30 V, TA = 150 ˚C
ICB0
100
10
nA
Emitter cutoff current
VEB = 4 V
IEB0
100
V
Collector-emitter saturation voltage1)
IC = 100 mA; IB = 0.1 mA
VCEsat
––1
Base-emitter voltage1)
IC = 10 mA; VCE = 5 V
VBE
1.4
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
3.5
1)
Pulse test: t
300 µs, D 2%.


Similar Part No. - Q62702-C825

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C821 SIEMENS-Q62702-C821 Datasheet
113Kb / 4P
   PNP SILICON AF TRANSISTORS
More results

Similar Description - Q62702-C825

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
   PNP Silicon Darlington Transistor (High current gain High collector current)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
logo
Wing Shing Computer Com...
TIP140 WINGS-TIP140 Datasheet
24Kb / 2P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR(HIGH DC CURRENT GAIN)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com