Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMC24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPSMC24
Description  Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMC24 Datasheet(HTML) 2 Page - Vishay Siliconix

  TPSMC24 Datasheet HTML 1Page - Vishay Siliconix TPSMC24 Datasheet HTML 2Page - Vishay Siliconix TPSMC24 Datasheet HTML 3Page - Vishay Siliconix TPSMC24 Datasheet HTML 4Page - Vishay Siliconix TPSMC24 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPSMC6.8 thru TPSMC47A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88407
Revision: 09-Feb-11
2
Notes
(1) V
BR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK
PULSE SURGE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
TPSMC6.8
DDP
6.12
7.48
10.0
5.50
1000
10000
139.0
10.8
TPSMC6.8A
DEP
6.45
7.14
10.0
5.80
1000
10000
143.0
10.5
TPSMC7.5
DFP
6.75
8.25
10.0
6.05
500
5000
128.0
11.7
TPSMC7.5A
DGP
7.13
7.88
10.0
6.40
500
5000
133.0
11.3
TPSMC8.2
DHP
7.38
9.02
10.0
6.63
200
2000
120.0
12.5
TPSMC8.2A
DKP
7.79
8.61
10.0
7.02
200
2000
124.0
12.1
TPSMC9.1
DLP
8.19
10.0
1.0
7.37
50
500
109.0
13.8
TPSMC9.1A
DMP
8.65
9.55
1.0
7.78
50
500
112.0
13.4
TPSMC10
DNP
9.00
11.0
1.0
8.10
20
200
100.0
15.0
TPSMC10A
DPP
9.50
10.5
1.0
8.55
20
200
103.0
14.5
TPSMC11
DQP
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
TPSMC11A
DRP
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
TPSMC12
DSP
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
TPSMC12A
DTP
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
TPSMC13
DUP
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
TPSMC13A
DVP
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
TPSMC15
DWP
13.5
16.5
1.0
12.1
1.0
10
68.2
22.0
TPSMC15A
DXP
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
TPSMC16
DYP
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
TPSMC16A
DZP
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
TPSMC18
EDP
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
TPSMC18A
EEP
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
TPSMC20
EFP
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
TPSMC20A
EGP
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
TPSMC22
EHP
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
TPSMC22A
EKP
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
TPSMC24
ELP
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
TPSMC24A
EMP
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
TPSMC27
ENP
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
TPSMC27A
EPP
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
TPSMC30
EQP
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
TPSMC30A
ERP
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
TPSMC33
ESP
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
TPSMC33A
ETP
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
TPSMC36
EUP
32.4
39.6
1.0
29.1
1.0
15
28.8
52.0
TPSMC36A
EVP
34.2
37.8
1.0
30.8
1.0
15
30.1
49.9
TPSMC39
EWP
35.1
42.9
1.0
31.6
1.0
15
26.6
56.4
TPSMC39A
EXP
37.1
41.0
1.0
33.3
1.0
15
27.8
53.9
TPSMC43
EYP
38.7
47.3
1.0
34.8
1.0
20
24.2
61.9
TPSMC43A
EZP
40.9
45.2
1.0
36.8
1.0
20
25.3
59.3
TPSMC47
FDP
42.3
51.7
1.0
38.1
1.0
20
22.1
67.8
TPSMC47A
FEP
44.7
49.4
1.0
40.2
1.0
20
23.1
64.8


Similar Part No. - TPSMC24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TPSMC24 EIC-TPSMC24 Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC24 VISHAY-TPSMC24 Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
logo
EIC discrete Semiconduc...
TPSMC24 EIC-TPSMC24 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TPSMC24A EIC-TPSMC24A Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC24A VISHAY-TPSMC24A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
More results

Similar Description - TPSMC24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA6.8 VISHAY-TPSMA6.8_11 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com