Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMA6.8AHE3-61T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TPSMA6.8AHE3-61T
Description  Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMA6.8AHE3-61T Datasheet(HTML) 4 Page - Vishay Siliconix

  TPSMA6.8AHE3-61T Datasheet HTML 1Page - Vishay Siliconix TPSMA6.8AHE3-61T Datasheet HTML 2Page - Vishay Siliconix TPSMA6.8AHE3-61T Datasheet HTML 3Page - Vishay Siliconix TPSMA6.8AHE3-61T Datasheet HTML 4Page - Vishay Siliconix TPSMA6.8AHE3-61T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88405
Revision: 09-Feb-11
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Maximum Non-Repetitive Peak Forward Surge Current
200
100
10
1
5
10
50
100
50
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)


Similar Part No. - TPSMA6.8AHE3-61T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA6.8AHE3 VISHAY-TPSMA6.8AHE3 Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA6.8AHE3/5AT VISHAY-TPSMA6.8AHE3/5AT Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA6.8AHE3/5AT VISHAY-TPSMA6.8AHE3/5AT Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA6.8AHE3/61T VISHAY-TPSMA6.8AHE3/61T Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA6.8AHE3/61T VISHAY-TPSMA6.8AHE3/61T Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
More results

Similar Description - TPSMA6.8AHE3-61T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com