Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF8BT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UF8BT
Description  Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF8BT Datasheet(HTML) 2 Page - Vishay Siliconix

  UF8BT Datasheet HTML 1Page - Vishay Siliconix UF8BT Datasheet HTML 2Page - Vishay Siliconix UF8BT Datasheet HTML 3Page - Vishay Siliconix UF8BT Datasheet HTML 4Page - Vishay Siliconix UF8BT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
U(F,B)8BT thru U(F,B)8DT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89086
Revision: 06-May-09
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 5 A
IF = 8 A
IF = 20 A
TA = 25 °C
VF
0.90
0.96
1.12
-
1.02
-
V
IF = 5 A
IF = 8 A
IF = 20 A
TA = 150 °C
0.72
0.79
0.99
-
0.86
-
Reverse current (2)
Rated VR
TA = 25 °C
TA = 100 °C
IR
-
200
10
500
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
15
20
ns
Reverse recovery time
IF = 1.0 A, dI/dt = 100 A/µs, VR = 30 V,
Irr = 0.1 IRM
trr
19
-
ns
Storage charge
Qrr
7.1
-
nC
Reverse recovery time
IF = 8 A, dI/dt = 50 A/µs, VR = 30 V,
Irr = 0.1 IRM
trr
23
-
ns
Storage charge
Qrr
6.5
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
25
-
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U8XT
UF8XT
UB8XT
UNIT
Typical thermal resistance from junction to case
RθJC
4.0
5.0
4.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
U8DT-E3/4W
1.83
4W
50/tube
Tube
ITO-220AC
UF8DT-E3/4W
1.69
4W
50/tube
Tube
TO-263AB
UB8DT-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
UB8DT-E3/8W
1.37
8W
800/reel
Tape and reel


Similar Part No. - UF8BT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UF8BT VISHAY-UF8BT Datasheet
144Kb / 5P
   Ultrafast Rectifier
Revision: 13-May-08
More results

Similar Description - UF8BT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com