Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5404 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UF5404
Description  Soft Recovery Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF5404 Datasheet(HTML) 1 Page - Vishay Siliconix

  UF5404 Datasheet HTML 1Page - Vishay Siliconix UF5404 Datasheet HTML 2Page - Vishay Siliconix UF5404 Datasheet HTML 3Page - Vishay Siliconix UF5404 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88756
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Soft Recovery Ultrafast Plastic Rectifier
UF5400 thru UF5408
Vishay General Semiconductor
FEATURES
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.
MECHANICAL DATA
Case:
DO-201AD
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
50 V to 1000 V
IFSM
150 A
trr
50 ns, 75 ns
VF
1.0 V, 1.7 V
TJ max.
150 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL UF5400 UF5401 UF5402 UF5403 UF5404 UF5405 UF5406 UF5407 UF5408 UNIT
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Maximum average forward
rectified current, 0.375" (9.5 mm)
lead length at TA= 55 °C
IF(AV)
3.0
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Operating junction and
storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - UF5404

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF5404 YEASHIN-UF5404 Datasheet
98Kb / 3P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Jinan Gude Electronic D...
UF5404 JGD-UF5404 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5404 SAMYANG-UF5404 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF5404 JINGHENG-UF5404 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
TAITRON Components Inco...
UF5404 TAITRON-UF5404 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
More results

Similar Description - UF5404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com