Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFB120FA40 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UFB120FA40
Description  Insulated Ultrafast Rectifier Module, 120 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB120FA40 Datasheet(HTML) 2 Page - Vishay Siliconix

  UFB120FA40 Datasheet HTML 1Page - Vishay Siliconix UFB120FA40 Datasheet HTML 2Page - Vishay Siliconix UFB120FA40 Datasheet HTML 3Page - Vishay Siliconix UFB120FA40 Datasheet HTML 4Page - Vishay Siliconix UFB120FA40 Datasheet HTML 5Page - Vishay Siliconix UFB120FA40 Datasheet HTML 6Page - Vishay Siliconix UFB120FA40 Datasheet HTML 7Page - Vishay Siliconix UFB120FA40 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94086
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 21-Jul-10
UFB120FA40P
Vishay Semiconductors
Insulated Ultrafast
Rectifier Module, 120 A
ELECTRICAL SPECIFICATIONS PER DIODE (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode breakdown voltage
VBR
IR = 100 μA
400
-
-
V
Forward voltage
VFM
IF = 60 A
-
1.16
1.37
IF = 60 A, TJ = 150 °C
-
0.96
1.13
Reverse leakage current
IRM
VR = VR rated
-
-
0.1
mA
TJ = 150 °C, VR = VR rated
-
-
1
Junction capacitance
CT
VR = 400 V
-
67
-
pF
DYNAMIC RECOVERY CHARACTERISTICS PER DIODE (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 200 A/μs, VR = 30 V
-
30
35
ns
TJ = 25 °C
IF = 50 A
dIF/dt = 200 A/μs
VR = 200 V
-65
-
TJ = 125 °C
-
128
-
Peak recovery current
IRRM
TJ = 25 °C
-
7.4
-
A
TJ = 125 °C
-
17.8
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
240
-
nC
TJ = 125 °C
-
1139
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Junction to case, single diode conducting
RthJC
-
0.99
1.24
°C/W
Junction to case, both diodes conducting
-
0.49
0.62
Case to heatsink
RthCS
Flat, greased surface
-
0.05
-
Weight
-30
-
g
Mounting torque
-1.3
-
Nm


Similar Part No. - UFB120FA40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
UFB120FA40 IRF-UFB120FA40 Datasheet
211Kb / 6P
   Insulated Ultrafast Rectifier Module
logo
Vishay Siliconix
UFB120FA40 VISHAY-UFB120FA40 Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 25-Apr-08
UFB120FA40P VISHAY-UFB120FA40P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 25-Apr-08
UFB120FA40P VISHAY-UFB120FA40P Datasheet
115Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
UFB120FA40P VISHAY-UFB120FA40P_V01 Datasheet
115Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
More results

Similar Description - UFB120FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB120FA20P VISHAY-VS-UFB120FA20P Datasheet
142Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA60P VISHAY-UFB120FA60P Datasheet
150Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 05-May-08
UFB120FA20P VISHAY-UFB120FA20P_10 Datasheet
147Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA20P VISHAY-UFB120FA20P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 07-May-08
UFB120FA40P VISHAY-UFB120FA40P_V01 Datasheet
115Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
UFB120FA60P VISHAY-UFB120FA60P_V01 Datasheet
141Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
UFB120FA40P VISHAY-UFB120FA40P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 25-Apr-08
UFL120FA60P VISHAY-UFL120FA60P_10 Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 22-Jul-10
UFL120FA60P VISHAY-UFL120FA60P Datasheet
150Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 05-May-08
UFB120FA20P VISHAY-UFB120FA20P_V01 Datasheet
131Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com