Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFH60GA60P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # UFH60GA60P
Description  Tandem Insulated SOT-227 Power Module Hyperfast Rectifier, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFH60GA60P Datasheet(HTML) 5 Page - Vishay Siliconix

  UFH60GA60P Datasheet HTML 1Page - Vishay Siliconix UFH60GA60P Datasheet HTML 2Page - Vishay Siliconix UFH60GA60P Datasheet HTML 3Page - Vishay Siliconix UFH60GA60P Datasheet HTML 4Page - Vishay Siliconix UFH60GA60P Datasheet HTML 5Page - Vishay Siliconix UFH60GA60P Datasheet HTML 6Page - Vishay Siliconix UFH60GA60P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94663
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
UFH60GA60P
Tandem Insulated SOT-227
Power Module Hyperfast Rectifier, 60 A
Vishay Semiconductors
Fig. 10 - Reverse Recovery Parameter Test Circuit
Fig. 11 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 μH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - UFH60GA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFH60BA65 VISHAY-UFH60BA65 Datasheet
151Kb / 7P
   Insulated Single Phase Hyperfast Bridge (Power Modules), 60 A
01-Jan-2023
More results

Similar Description - UFH60GA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-RA220FA120 VISHAY-VS-RA220FA120 Datasheet
157Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 220 A
VS-RA160FA120 VISHAY-VS-RA160FA120 Datasheet
158Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 160 A
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V01 Datasheet
165Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2022
UFB200CB40P VISHAY-UFB200CB40P_V01 Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
VS-UFL250CB60 VISHAY-VS-UFL250CB60 Datasheet
264Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
Revision: 31-May-16
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V02 Datasheet
164Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2023
UFB200CB40P VISHAY-UFB200CB40P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module
Revision: 16-Jul-09
UFL200CB60P VISHAY-UFL200CB60P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
Revision: 16-Jul-09
VS-RA160FA120 VISHAY-VS-RA160FA120_V01 Datasheet
158Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 160 A
01-Jan-2022
VS-UFB310CB40 VISHAY-VS-UFB310CB40 Datasheet
143Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
Revision: 31-May-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com