Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG4C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG4C
Description  Miniature Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG4C Datasheet(HTML) 2 Page - Vishay Siliconix

  UG4C Datasheet HTML 1Page - Vishay Siliconix UG4C Datasheet HTML 2Page - Vishay Siliconix UG4C Datasheet HTML 3Page - Vishay Siliconix UG4C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88763
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-Oct-09
UG4A thru UG4D
Vishay General Semiconductor
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curves
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
IF = 4.0 A
VF (1)
0.95
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
300
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
20
ns
Typical reverse recovery time
IF = 4.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 10 % IRM
TJ = 25 °C
trr
30
ns
TJ = 100 °C
50
Typical stored charge
IF = 4.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 10 % IRM
TJ = 25 °C
Qrr
15
nC
TJ = 100 °C
30
Typical junction capacitance
4.0 V, 1 MHz
CJ
20
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG4A
UG4B
UG4C
UG4D
UNIT
Typical thermal resistance
RθJA
(1)
25
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UG4D-E3/54
1.138
54
1400
13" diameter paper tape and reel
UG4D-E3/73
1.138
73
1000
Ammo pack packaging
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
5.0
6.0
Temperature (°C)
T
A, Ambient Temperature
P.C.B. Mounted
0.47" x 0.47" (12 mm x 12 mm)
Copper Pads
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
T
L Lead Temperature
1
10
100
10
100
1000
1
Number of Cycles at 60 Hz
T
L = 75 °C
8.3 ms Single Half Sine-Wave


Similar Part No. - UG4C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG4C GE-UG4C Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4C VISHAY-UG4C Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG4C SEMTECH_ELEC-UG4C Datasheet
222Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4C VISHAY-UG4C Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 04-May-11
logo
Shenzhen Taychipst Elec...
UG4C TAYCHIPST-UG4C Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UG4C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
   Miniature Ultrafast Plastic Rectifier
01-Jan-2022
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG2A VISHAY-UG2A_09 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com