Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC640 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BC640
Description  PNP Silicon AF Transistors (High current gain High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC640 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BC640 Datasheet HTML 1Page - Siemens Semiconductor Group BC640 Datasheet HTML 2Page - Siemens Semiconductor Group BC640 Datasheet HTML 3Page - Siemens Semiconductor Group BC640 Datasheet HTML 4Page - Siemens Semiconductor Group BC640 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
BC 636
… BC 640
Total power dissipation Ptot = f (TA; TC)
Permissible pulse load RthJA = f (
tp)
Collector cutoff current ICB0 = f (TA)
VCB = 30 V
Collector current IC = f (VBE)
VCE = 2 V


Similar Part No. - BC640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
   High Current Transistors
logo
Micro Commercial Compon...
BC640 MCC-BC640 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
111Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

Similar Description - BC640

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com