Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH4PCD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UH4PCD
Description  High Current Density Surface Mount Ultrafast Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH4PCD Datasheet(HTML) 2 Page - Vishay Siliconix

  UH4PCD Datasheet HTML 1Page - Vishay Siliconix UH4PCD Datasheet HTML 2Page - Vishay Siliconix UH4PCD Datasheet HTML 3Page - Vishay Siliconix UH4PCD Datasheet HTML 4Page - Vishay Siliconix UH4PCD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88991
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 10-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UH4PBC, UH4PCC, UH4PCD
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Units mounted on recommended PCB 1 oz. pad layout
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 1.0 A
TA = 25 °C
VF (1)
0.84
-
V
IF = 2.0 A
0.93
1.05
IF = 1.0 A
TA = 125 °C
0.68
-
IF = 2.0 A
0.77
0.85
Reverse current per diode
Rated VR
TA = 25 °C
IR (2)
-5
μA
TA = 125 °C
6.4
25
mA
Maximum reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
20
25
ns
Typical reverse recovery time per diode
IF = 1.0 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
24
-
Typical softness factor (tb/ta)per diode
IF = 2 A, dI/dt = 200 A/µs,
VR = 200 V, Irr = 0.1 IRM
TA = 125 °C
S0.3
-
-
Typical reverse recovery current per diode
IRM
5.4
-
A
Typical stored charge per diode
Qrr
88
-
nC
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
21
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
UH4PBC
UH4PCC
UH4PCD
UNIT
Typical thermal resistance per diode
RJA (1)
60
°C/W
RJL
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UH4PDC-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
UH4PDC-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
UH4PDCHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
UH4PDCHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Similar Part No. - UH4PCD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH4PCC VISHAY-UH4PCC Datasheet
112Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Jul-08
UH4PCC VISHAY-UH4PCC Datasheet
93Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
02-Oct-12
More results

Similar Description - UH4PCD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com