Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH4PDC-M3-87A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UH4PDC-M3-87A
Description  High Current Density Surface Mount Ultrafast Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH4PDC-M3-87A Datasheet(HTML) 1 Page - Vishay Siliconix

  UH4PDC-M3-87A Datasheet HTML 1Page - Vishay Siliconix UH4PDC-M3-87A Datasheet HTML 2Page - Vishay Siliconix UH4PDC-M3-87A Datasheet HTML 3Page - Vishay Siliconix UH4PDC-M3-87A Datasheet HTML 4Page - Vishay Siliconix UH4PDC-M3-87A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88991
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Ultrafast Rectifiers
UH4PBC, UH4PCC, UH4PCD
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For
use
in
high
frequency
rectification
and
freewheeling application in switching mode converters and
inverters
for
consumer
computer,
automotive,
and
telecommunication applications.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Oxide planar chip junction
• Ultrafast recovery times for high frequency
• Low forward voltage drop, low power loss
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 2.0 A
VRRM
100 V, 150 V, 200 V
IFSM
40 A
trr
25 ns
VF at IF = 2.0 A
0.77 V
TJ max.
175 °C
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH4PBC
UH4PCC
UH4PCD
UNIT
Device marking code
H4BC
H4CC
H4DC
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current
(fig. 1)
total devive
IF(AV)
4.0
A
per diode
2.0
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load per diode
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - UH4PDC-M3-87A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH4PDC-M3/86A VISHAY-UH4PDC-M3/86A Datasheet
112Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Jul-08
UH4PDC-M3/87A VISHAY-UH4PDC-M3/87A Datasheet
112Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Jul-08
More results

Similar Description - UH4PDC-M3-87A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com