Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH8JT-E3-45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UH8JT-E3-45
Description  High Voltage Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH8JT-E3-45 Datasheet(HTML) 1 Page - Vishay Siliconix

  UH8JT-E3-45 Datasheet HTML 1Page - Vishay Siliconix UH8JT-E3-45 Datasheet HTML 2Page - Vishay Siliconix UH8JT-E3-45 Datasheet HTML 3Page - Vishay Siliconix UH8JT-E3-45 Datasheet HTML 4Page - Vishay Siliconix UH8JT-E3-45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
UH8JT & UHF8JT
Vishay General Semiconductor
Document Number: 88956
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Voltage Ultrafast Rectifier
FEATURES
• Oxide planar chip junction
• Ultrafast recovery time
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high voltage continuous mode power factor
correctors
(CCM
PFC),
switching
mode
power
supplies, freewheeling diodes and secondary dc-to-dc
rectification application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
8 A
VRRM
600 V
IFSM
80 A
trr
25 ns
VF at IF = 8 A
1.47 V
TJ max.
175 °C
TO-220AC
1
2
PIN 1
PIN 2
CASE
UH8JT
ITO-220AC
PIN 1
PIN 2
UHF8JT
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH8JT
UHF8JT
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
8A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 4 A
IF = 8 A
TA = 25 °C
VF
1.82
2.30
-
3.0
V
IF = 4 A
IF = 8 A
TA = 125 °C
1.20
1.47
-
1.8


Similar Part No. - UH8JT-E3-45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH8JT-E3/45 VISHAY-UH8JT-E3/45 Datasheet
124Kb / 5P
   High Voltage Ultrafast Rectifier
21-Apr-06
More results

Similar Description - UH8JT-E3-45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com