Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V15P45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V15P45
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V15P45 Datasheet(HTML) 2 Page - Vishay Siliconix

  V15P45 Datasheet HTML 1Page - Vishay Siliconix V15P45 Datasheet HTML 2Page - Vishay Siliconix V15P45 Datasheet HTML 3Page - Vishay Siliconix V15P45 Datasheet HTML 4Page - Vishay Siliconix V15P45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89342
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
V15P45
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 30 mm x 30 mm aluminum PCB; thermal resistance RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Notes
(1) Mounted on 30 mm x 30 mm aluminum PCB; TM measured
at the terminal of cathode band (RJM = 4 °C/W)
(2) Free air, mounted on recommended copper pad area
(RJA = 75 °C/W)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.40
-
V
IF = 7.5 A
0.45
-
IF = 15 A
0.49
0.58
IF = 5.0 A
TA = 125 °C
0.31
-
IF = 7.5 A
0.34
-
IF = 15 A
0.42
0.51
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
-
1500
μA
TA = 125 °C
15
50
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V15P45
UNIT
Typical thermal resistance
RJA (1)
75
°C/W
RJM (2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V15P45-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V15P45-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
V15P45HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
V15P45HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
TM - Mount Temperature (°C)
18
4
0
0
75
150
25
100
50
125
8
2
T
M = 116 °C
(1)
6
10
T
A = 25 °C
(2)
16
14
12
T
L Measured
at the Cathode Band Terminal


Similar Part No. - V15P45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V15P45 VISHAY-V15P45 Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V15P45-M3 VISHAY-V15P45-M3 Datasheet
91Kb / 5P
   5High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 07-Sep-11
V15P45-M3-86A VISHAY-V15P45-M3-86A Datasheet
91Kb / 5P
   5High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 07-Sep-11
V15P45-M3-87A VISHAY-V15P45-M3-87A Datasheet
91Kb / 5P
   5High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 07-Sep-11
V15P45-M3 VISHAY-V15P45-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
More results

Similar Description - V15P45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com