Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC808-25W Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BC808-25W
Description  PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC808-25W Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BC808-25W Datasheet HTML 1Page - Siemens Semiconductor Group BC808-25W Datasheet HTML 2Page - Siemens Semiconductor Group BC808-25W Datasheet HTML 3Page - Siemens Semiconductor Group BC808-25W Datasheet HTML 4Page - Siemens Semiconductor Group BC808-25W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
Dec-19-1996
BC 807-16W
DC current gain
hFE = f (IC)
VCE = 1V
Transition frequency
fT = f (IC)
VCE = 5V
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10


Similar Part No. - BC808-25W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC808-25W INFINEON-BC808-25W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808-25W DIOTEC-BC808-25W Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BC808-25W INFINEON-BC808-25W Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
More results

Similar Description - BC808-25W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com