Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-735P305X9200L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V-735P305X9200L
Description  Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-735P305X9200L Datasheet(HTML) 2 Page - Vishay Siliconix

  V-735P305X9200L Datasheet HTML 1Page - Vishay Siliconix V-735P305X9200L Datasheet HTML 2Page - Vishay Siliconix V-735P305X9200L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V-735 P
Vishay Sprague
Film Capacitors, High Current, Wrap-and-Fill,
Metallized Polypropylene
www.vishay.com
For technical questions, contact: spresale@vishay.com
Document Number: 42093
26
Revision: 12-Mar-09
Notes
(1) Part Numbers listed are for a capacitance tolerance of ± 10 %. To specifiy ± 5 % tolerance, change the “X9” in the Part Number to “X5”.
• Other capacitance values and voltage ratings are available upon request
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER (1)
CASE SIZE
ESR LIMIT
(m
Ω)
20 kHz to
100 kHz
MAXIMUM RIPPLE CURRENT
(ARMS) at 20 kHz - 100 kHz
CASE TEMPERATURE at
D
L
+ 25 °C + 35 °C + 45 °C + 55 °C + 65 °C + 75 °C + 85 °C
Terminal Style L - Units with Wire Leads
100 WVDC
1.0
V-735P105X9100L
0.531 [13.49]
0.750 [19.05]
15.0
9.2
8.5
7.8
7.0
6.0
4.9
4.5
2.0
V-735P205X9100L
0.596 [15.14]
0.938 [23.81]
12.0
10.8
10.0
9.1
8.2
7.0
5.8
5.3
3.0
V-735P305X9100L
0.717 [18.21]
0.938 [23.81]
11.0
12.1
11.2
10.3
9.2
8.0
6.5
5.9
5.0
V-735P505X9100L
0.733 [18.62]
1.250 [31.75]
10.0
13.8
12.7
11.6
10.4
9.0
7.4
6.7
10.0
V-735P106X9100L
0.898 [22.81]
1.500 [38.10]
9.0
15.0
15.0
14.2
12.7
11.0
9.0
8.2
20.0
V-735P206X9100L
1.000 [25.40]
2.250 [57.15]
8.0
15.0
15.0
15.0
15.0
13.6
11.1
10.0
30.0
V-735P306X9100L
1.200 [30.48]
2.250 [57.15]
6.0
15.0
15.0
15.0
15.0
15.0
12.4
11.4
200 WVDC
1.0
V-735P105X9200L
0.512 [13.01]
1.250 [31.75]
20.0
7.3
7.3
7.3
7.3
7.2
5.9
5.4
2.0
V-735P205X9200L
0.698 [17.73]
1.250 [31.75]
15.0
12.0
12.0
11.3
10.1
8.7
7.1
6.5
3.0
V-735P305X9200L
0.747 [18.97]
1.500 [38.10]
13.0
15.0
13.8
12.6
11.3
9.88.0
7.3
5.0
V-735P505X9200L
0.862 [21.89]
1.750 [44.45]
11.0
15.0
15.0
14.7
13.1
11.4
9.3
8.5
10.0
V-735P106X9200L
1.030 [26.16]
2.250 [57.15]
9.0
15.0
15.0
15.0
15.0
13.8
11.3
10.3
20.0
V-735P206X9200L
1.440 [36.58]
2.250 [57.15]
6.0
15.0
15.0
15.0
15.0
15.0
14.1
12.8
400 WVDC
1.0
V-735P105X9400L
0.713 [18.11]
1.500 [38.10]
19.0
9.5
9.5
9.5
9.5
9.5
7.8
7.1
2.0
V-735P205X9400L
0.895 [22.73]
1.750 [44.45]
15.0
15.0
15.0
15.0
13.4
11.6
9.5
8.7
3.0
V-735P305X9400L
1.086 [27.58]
1.750 [44.45]
12.0
15.0
15.0
15.0
15.0
13.1
10.7
9.8
5.0
V-735P505X9400L
1.192 [30.28]
2.250 [57.15]
10.0
15.0
15.0
15.0
15.0
15.0
12.5
11.4
10.0
V-735P106X9400L
1.668 [42.37]
2.250 [57.15]
6.0
15.0
15.0
15.0
15.0
15.0
15.0
14.1
Terminal Style H - Units with Terminal Lugs
100 WVDC
1.0
V-735P105X9100H
0.531 [13.49]
0.875 [22.23]
15.0
10.3
9.5
8.7
7.8
6.7
5.5
5.0
2.0
V-735P205X9100H
0.596 [15.14]
1.062 [26.97]
12.0
12.0
11.0
10.0
8.9
7.8
6.3
5.8
3.0
V-735P305X9100H
0.717 [18.21]
1.062 [26.97]
11.0
13.3
12.3
11.2
10.0
8.7
7.1
6.5
5.0
V-735P505X9100H
0.733 [18.62]
1.375 [34.93]
10.0
14.8
13.7
12.5
11.2
9.7
7.9
7.2
10.0
V-735P106X9100H
0.898 [22.81]
1.625 [41.28]
9.0
17.8
16.5
15.0
13.5
11.7
9.5
8.7
20.0
V-735P206X9100H
1.000 [25.40]
2.375 [60.33]
8.0
21.6
20.0
18.3
16.4
14.2
11.6
10.6
30.0
V-735P306X9100H
1.200 [30.48]
2.375 [60.33]
6.0
24.3
22.5
20.5
18.4
15.9
13.0
11.9
200 WVDC
1.0
V-735P105X9200H
0.512 [13.00]
1.375 [34.93]
20.0
7.3
7.3
7.3
7.3
7.3
6.4
5.8
2.0
V-735P205X9200H
0.698 [17.73]
1.375 [34.93]
15.0
14.3
13.3
12.1
10.8
9.4
7.7
7.0
3.0
V-735P305X9200H
0.747 [18.97]
1.625 [41.28]
13.0
15.9
14.7
13.5
12.0
10.4
8.5
7.8
5.0
V-735P505X9200H
0.862 [21.89]
1.875 [47.63]
11.0
18.3
17.0
15.5
13.9
12.0
9.88.9
10.0
V-735P106X9200H
1.030 [26.16]
2.375 [60.33]
9.0
22.4
20.7
18.9
16.9
14.6
12.0
10.9
20.0
V-735P206X9200H
1.440 [36.58]
2.375 [60.33]
6.0
27.4
25.4
23.2
20.7
17.9
14.7
13.4
400 WVDC
1.0
V-735P105X9400H
0.713 [18.11]
1.625 [41.28]
19.0
9.5
9.5
9.5
9.5
9.5
8.3
7.5
2.0
V-735P205X9400H
0.895 [22.73]
1.875 [47.63]
15.0
15.0
15.0
15.0
14.2
12.3
10.0
9.1
3.0
V-735P305X9400H
1.086 [27.58]1.875 [47.63]
12.0
21.1
19.5
17.8
15.9
13.8
11.3
10.3
5.0
V-735P505X9400H
1.192 [30.28]
2.375 [60.33]
10.0
24.4
22.6
20.6
18.5
16.0
13.1
11.9
10.0
V-735P106X9400H
1.668 [42.37]
2.375 [60.33]
6.0
30.0
27.8
25.4
22.7
19.7
16.1
14.7
ORDERING INFORMATION
V-735P
105
X9
100
L
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
TERMINAL STYLE
This is expressed in picofarads. The first
two digits are the significant figures. The
third is the number of zeros to follow.
X9 = ± 10 %
X5 = ± 5 %
This is expressed in volts.
L = Wire Leads
H = Lugs


Similar Part No. - V-735P305X9200L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9250 VISHAY-V-730P104X9250 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9400 VISHAY-V-730P104X9400 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9630 VISHAY-V-730P104X9630 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P105X9100 VISHAY-V-730P105X9100 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
More results

Similar Description - V-735P305X9200L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com