Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846A Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BC846A
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC846A Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BC846A Datasheet HTML 1Page - Siemens Semiconductor Group BC846A Datasheet HTML 2Page - Siemens Semiconductor Group BC846A Datasheet HTML 3Page - Siemens Semiconductor Group BC846A Datasheet HTML 4Page - Siemens Semiconductor Group BC846A Datasheet HTML 5Page - Siemens Semiconductor Group BC846A Datasheet HTML 6Page - Siemens Semiconductor Group BC846A Datasheet HTML 7Page - Siemens Semiconductor Group BC846A Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
7
h parameter he = f (IC) normalized
VCE = 5 V
Noise figure F = f (VCE)
IC = 0.2 mA, RS = 2 k
Ω, f = 1 kHz
h parameter he = f (VCE) normalized
IC =2mA
Noise figure F = f (f)
IC = 0.2 mA, VCE = 5 V, RS = 2 k


Similar Part No. - BC846A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
BC846A HTSEMI-BC846A Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Similar Description - BC846A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com