Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI20200G-E3-4W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VI20200G-E3-4W
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VI20200G-E3-4W Datasheet(HTML) 2 Page - Vishay Siliconix

  VI20200G-E3-4W Datasheet HTML 1Page - Vishay Siliconix VI20200G-E3-4W Datasheet HTML 2Page - Vishay Siliconix VI20200G-E3-4W Datasheet HTML 3Page - Vishay Siliconix VI20200G-E3-4W Datasheet HTML 4Page - Vishay Siliconix VI20200G-E3-4W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V20200G, VF20200G, VB20200G & VI20200G
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89117
Revision: 24-Jun-09
2
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TJ = 25 °C
VBR
200 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 10 A
TJ = 25 °C
VF
0.86
1.23
-
1.70
V
IF = 5 A
IF = 10 A
TJ = 125 °C
0.62
0.71
-
0.80
Reverse current per diode (2)
VR = 180 V
TJ = 25 °C
TJ = 125 °C
IR
1.9
1.6
-
-
µA
mA
VR = 200 V
TJ = 25 °C
TJ = 125 °C
-
2.5
150
15
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20200G
VF20200G
VB20200G
VI20200G
UNIT
Typical thermal resistance per diode
RθJC
3.2
5.5
3.2
3.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V20200G-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VF20200G-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB20200G-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB20200G-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VI20200G-E3/4W
1.45
4W
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
Case Temperature (°C)
25
15
0
075
175
20
25
100
150
5
50
125
10
Resistive or Inductive Load
VF20200G
V(B,I)20200G
Figure 2. Forward Power Loss Characteristics Per Diode
D = 0.1
D = 0.2
D = 0.3
D = 0.5 D = 0.8
D = 1.0
Average Forward Current (A)
9
5
0
06
12
7
2
8
1
410
3
6
8
2
4
D = t
p/T
t
p
T


Similar Part No. - VI20200G-E3-4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VI20200G-E3 VISHAY-VI20200G-E3 Datasheet
156Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 12-Dec-16
VI20200G-E3 VISHAY-VI20200G-E3 Datasheet
215Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - VI20200G-E3-4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com