Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBP104S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBP104S
Description  Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBP104S Datasheet(HTML) 1 Page - Vishay Siliconix

  VBP104S_11 Datasheet HTML 1Page - Vishay Siliconix VBP104S_11 Datasheet HTML 2Page - Vishay Siliconix VBP104S_11 Datasheet HTML 3Page - Vishay Siliconix VBP104S_11 Datasheet HTML 4Page - Vishay Siliconix VBP104S_11 Datasheet HTML 5Page - Vishay Siliconix VBP104S_11 Datasheet HTML 6Page - Vishay Siliconix VBP104S_11 Datasheet HTML 7Page - Vishay Siliconix VBP104S_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VBP104S, VBP104SR
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 10-Aug-11
1
Document Number: 81170
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
VBP104S and VBP104SR are high speed and high sensitive
PIN photodiodes. It is a surface mount device (SMD)
including the chip with a 4.4 mm2 sensitive area detecting
visible and near infrared radiation.
FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 6.4 x 3.9 x 1.2
• Radiant sensitive area (in mm2): 4.4
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible and near infrared radiation
• Fast response times
• Angle of half sensitivity:
 = ± 65°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• High speed photo detector
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
VBP104S
VBP104SR
PRODUCT SUMMARY
COMPONENT
Ira (μA)
 (deg)
0.1 (nm)
VBP104S
35
± 65
430 to 1100
VBP104SR
35
± 65
430 to 1100
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VBP104S
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Gullwing
VBP104SR
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Reverse gullwing
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb 25 °C
PV
215
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Acc. reflow solder profile fig. 8
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
350
K/W


Similar Part No. - VBP104S_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBP104SR VISHAY-VBP104SR Datasheet
179Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 20-Apr-10
VBP104SR VISHAY-VBP104SR Datasheet
160Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBP104SR VISHAY-VBP104SR Datasheet
160Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBP104SR VISHAY-VBP104SR Datasheet
161Kb / 8P
   Silicon PIN Photodiode
01-Jan-2023
VBP104SR VISHAY-VBP104SR_V01 Datasheet
160Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
More results

Similar Description - VBP104S_11

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com