Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS054DD-HF4-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBUS054DD-HF4-GS08
Description  4-Line BUS-port ESD-protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS054DD-HF4-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VBUS054DD-HF4-GS08 Datasheet HTML 1Page - Vishay Siliconix VBUS054DD-HF4-GS08 Datasheet HTML 2Page - Vishay Siliconix VBUS054DD-HF4-GS08 Datasheet HTML 3Page - Vishay Siliconix VBUS054DD-HF4-GS08 Datasheet HTML 4Page - Vishay Siliconix VBUS054DD-HF4-GS08 Datasheet HTML 5Page - Vishay Siliconix VBUS054DD-HF4-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VBUS054DD-HF4
Document Number 81928
Rev. 1.1, 02-Mar-10
Vishay Semiconductors
www.vishay.com
1
21482
21483
12
43
5
For technical support, please contact: ESDprotection@vishay.com
4-Line BUS-port ESD-protection
Features
• Ultra compact LLP1010-5L package
• Low package height < 0.4 mm
• 4-line USB ESD-protection
• Low leakage current
• Low load capacitance CD = 0.8 pF
• ESD-protection to IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• Pin plating NiPdAu (e4) no whisker growth
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Marking (example only)
Dot = Pin 1 marking
X = Date code
Y = Type code (see table below)
Ordering Information
Package Data
Absolute Maximum Ratings
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
20932
XY
Device name
Ordering code
Taped units per reel
(8 mm tape on 7" reel)
Minimum order quantity
VBUS054DD-HF4
VBUS054DD-HF4-GS08
5000
5000
Device name
Package
name
Marking
code
Weight
Molding compound
flammability rating
Moisture sensitivity level
Soldering conditions
VBUS054DD-HF4
LLP1010-5L
C
1.07 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
Rating
Test conditions
Symbol
Value
Unit
Peak pulse current
Pin 1, 2, 3 or 4 to pin 5
acc. IEC 61000-4-5; tP = 8/20 µs; single shot
IPPM
3A
Peak pulse power
Pin 1, 2, 3 or 4 to pin 5
acc. IEC 61000-4-5; tP = 8/20 µs; single shot
PPP
45
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 15
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C


Similar Part No. - VBUS054DD-HF4-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054DD-HF4 VISHAY-VBUS054DD-HF4 Datasheet
127Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.8, 04-Jan-2019
VBUS054DD-HF4 VISHAY-VBUS054DD-HF4 Datasheet
127Kb / 6P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS054DD-HF4 VISHAY-VBUS054DD-HF4_V01 Datasheet
127Kb / 6P
   4-Line BUS-Port ESD Protection
01-Jan-2022
More results

Similar Description - VBUS054DD-HF4-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
   4-Line BUS-Port ESD Protection
Rev. 1.2, 03-May-17
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
   4-Line BUS-port ESD-protection
Rev. 1.4, 07-Oct-08
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
   4-Line BUS-port ESD-protection
Rev. 1.0, 18-Apr-11
VBUS54DDHS4 VISHAY-VBUS54DDHS4 Datasheet
152Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.5, 04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS054CV-HS3 VISHAY-VBUS054CV-HS3 Datasheet
280Kb / 7P
   4-Line BUS-Port ESD-Protection
Rev. 1.1, 04-Sep-08
VBUS054B-HSF VISHAY-VBUS054B-HSF_V01 Datasheet
197Kb / 9P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS054D-HF4 VISHAY-VBUS054D-HF4 Datasheet
127Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.8, 04-Jan-2019
VBUS054DD-HS4 VISHAY-VBUS054DD-HS4 Datasheet
137Kb / 5P
   4-Line BUS-Port ESD Protection
Rev. 1.0. 19-Sep-11
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4_V01 Datasheet
153Kb / 6P
   4-Line BUS-Port ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com